Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904DGKR Datasheet(PDF) 1 Page - Rohm

Part # LM2904DGKR
Description  TROPHY SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2904DGKR Datasheet(HTML) 1 Page - Rohm

  LM2904DGKR Datasheet HTML 1Page - Rohm LM2904DGKR Datasheet HTML 2Page - Rohm LM2904DGKR Datasheet HTML 3Page - Rohm LM2904DGKR Datasheet HTML 4Page - Rohm LM2904DGKR Datasheet HTML 5Page - Rohm LM2904DGKR Datasheet HTML 6Page - Rohm LM2904DGKR Datasheet HTML 7Page - Rohm LM2904DGKR Datasheet HTML 8Page - Rohm LM2904DGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
TROPHY SERIES
Operational Amplifiers
LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR
LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR
Description
The Universal Standard family LM358 / 324 and
LM2904 / 2902 monolithic ICs integrate two independent
op-amp circuits and phase compensation capacitors
on a single chip, feature high gain and low power
consumption, and possess an operating voltage range
between 3[V]and 32[V] (single power supply.)
Features
1) Operating temperature range
Commercial Grade
LM358/324 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2904/2902 family :
-40[℃] to +125[℃]
2) Wide operating voltage range
+3[V] to +32[V] (single supply)
±
1.5[V] to ±16[V] (dual supply)
3) Low supply current
4) Common-mode input voltage range, including ground
5) Differential input voltage range equal to maximum ratedsupply voltage
6) High large signal voltage gain
7) Wide output voltage range
Pin Assignment
No.11094EBT02
TROPHY
SERIES
LM358 family
LM324 family
Quad
LM2904 family
LM2902 family
LM358DR
LM358PWR
LM358DGKR
LM324DR
LM324PWR
LM324KDR
LM2904DR
LM2904PWR
LM2904DGKR
LM2904VQDR
LM2904VQPWR
LM2902DR
LM2902PWR
LM2902KDR
LM2902KPWR
LM2902KVQDR
LM2902KVQPWR
Dual
LM324KDR
LM324DR
TSSOP8
TSSOP14
LM358DR
LM358PWR
LM2904PWR
LM358DGKR
LM2904DR
LM2904VQDR
LM2904VQPWR
MSOP8/VSSOP8
LM2902KVQDR
LM2904DGKR
LM2902DR
LM2902KDR
SOIC8
SOIC14
LM2902PWR
LM324PWR
LM2902KPWR
LM2902KVQPWR
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN-
1IN+
Vcc
2IN+
2IN-
2OUT
4OUT
4IN-
4IN+
GND
3IN+
3IN-
3OUT
1OUT 1
2
3
4
1IN-
1IN+
GND
Vcc
2OUT
2IN-
2IN+
8
7
6
5
+ -


Similar Part No. - LM2904DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2904DGKR TI-LM2904DGKR Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DGKR TI1-LM2904DGKR Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904DGKR TI-LM2904DGKR Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DGKR TI1-LM2904DGKR Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904DGKR TI1-LM2904DGKR Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM2904DGKR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com