Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A07 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 10A07
Description  10 Amp Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

10A07 Datasheet(HTML) 2 Page - Micro Commercial Components

  10A07 Datasheet HTML 1Page - Micro Commercial Components 10A07 Datasheet HTML 2Page - Micro Commercial Components 10A07 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
2.0
4.0
6.0
8.0
0
0
TA, AMBIENT TEMPERATURE (ºC)
Fi
g. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
1.0
T = 25°C
f = 1MHz
j
10A01 - 10A04
10A05 - 10A07
0
15
0
3
00
45
0
6
00
75
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10A01 thru 10A07
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - 10A07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A07 DIODES-10A07 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A07 MCC-10A07 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
10A07 DIODES-10A07 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A07 TSC-10A07 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A07 CHENYI-10A07 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
More results

Similar Description - 10A07

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
10A01 MCC-10A01_13 Datasheet
442Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
FR1001 MCC-FR1001 Datasheet
398Kb / 4P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
S10A MCC-S10A_13 Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A-TP MCC-S10A-TP Datasheet
320Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A MCC-S10A_11 Datasheet
300Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_13 Datasheet
267Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
10A01GP MCC-10A01GP Datasheet
472Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts Glass Passivated
FR10A MCC-FR10A Datasheet
621Kb / 3P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com