Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324KVQPWR Datasheet(PDF) 3 Page - Rohm

Part # LM324KVQPWR
Description  TROPHY SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM324KVQPWR Datasheet(HTML) 3 Page - Rohm

  LM324KVQPWR Datasheet HTML 1Page - Rohm LM324KVQPWR Datasheet HTML 2Page - Rohm LM324KVQPWR Datasheet HTML 3Page - Rohm LM324KVQPWR Datasheet HTML 4Page - Rohm LM324KVQPWR Datasheet HTML 5Page - Rohm LM324KVQPWR Datasheet HTML 6Page - Rohm LM324KVQPWR Datasheet HTML 7Page - Rohm LM324KVQPWR Datasheet HTML 8Page - Rohm LM324KVQPWR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR
LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LM2904,LM2902 family (Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Fig.
No
LM2904 family
LM2902 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*3)
VIO
25℃
3
7
3
7
mV
VO=1.4[V],VIC=VICR(min)
Vcc=5[V] to MAX(*5)
98
Full range
10
10
Input Offset Voltage Drift
αVIO
7
7
μV/℃
Input Offset
Current (*3)
LM2904
LM2902(*5)
IIO
25℃
2
50
2
50
nA
VO=1.4[V]
98
Full range
300
300
LM2904V
LM2902V(*5)
25℃
2
50
2
50
Full range
150
150
Input Offset Current Drift
αIIO
10
10
pA/℃
Input Bias Current (*3)
IIB
25℃
20
250
20
250
nA
VO=1.4[V]
98
Full range
500
500
Input Common-mode
Voltage Range
VICR
25℃
Vcc-1.5
Vcc-1.5
V
Vcc=5[V] to MAX(*5)
98
Full range
Vcc-2.0
Vcc-2.0
High Level Output Voltage
VOH
25℃
Vcc-1.5
Vcc-1.5
V
RL≧10[kΩ]
99
LM2904
LM2902(*5)
Full range
23
24
23
24
Vcc=MAX(*5),RL≧10[kΩ]
LM2904V
LM2902V(*5)
Full range
27
28
27
Vcc=MAX(*5),RL≧10[kΩ]
Low Level
Output Voltage
VOL
Full range
5
20
5
20
mV
RL≦10[kΩ]
99
Large Signal
Voltage Gain
AVD
25℃
25
100
25
100
V/mV
Vcc=15[V],VO=1[V] to 11[V]
RL≧2[kΩ]
98
Common-
mode Rejection Ratio
LM2904
LM2902(*5)
CMRR
25℃
50
80
50
80
dB
Vcc=5[V] to MAX(*5)
VIC=VICR(min)
98
LM2904V
LM2902V(*5)
25℃
65
80
60
80
dB
Supply Voltage
Rejection Ratio
LM2904
LM2904V
M2902(*5)
KSVR
25℃
65
100
50
100
dB
Vcc=5[V] to MAX(*5)
98
LM2902V(*5)
60
100
Cross-talk Attenuation
VO1/VO2
25℃
120
120
dB
f=1[kHz] to 20[kHz]
101
Output Current (*4)
Source
25℃
20
30
20
30
60
mA
Vcc=15[V],VO=0[V]
VID=1[V]
99
Full range
10
10
Sink
25℃
10
20
10
20
mA
Vcc=15[V],VO=0[V]
VID=-1[V]
Full range
2
2
LM2904
LM2902(*5)
Io
25℃
30
30
μA
VO=200[mV],VID=-1[V]
LM2904V
LM2902V(*5)
25℃
12
40
12
40
μA
Supply Current (All Amps)
ICC
Full range
0.7
1.2
0.7
1.2
mA
VO=2.5[V],No Load
99
Full range
1
2
1.4
3
Vcc=MAX(*5),VO=0.5[V]
No Load
Slew Rate at Unity Gain
SR
25℃
0.3
0.5
V/μs
RL=1[MΩ],CL=30[pF],
VI=±10[V]
Vcc=15[V],GND=-15[V]
(reference to Fig100)
99
Unity-Gain Bandwidth
B1
25℃
0.7
1.2
MHz
RL=1[MΩ],CL=20[pF]
Vcc=15[V],GND=-15[V]
(reference to Fig99)
99
Equivalent Input Noise Voltage
Vn
25℃
40
35
Hz
nV/
Vcc=15[V],GND=-15[V]
RS=100[Ω]VI=0[V]
f=1[kHz],
( reference to Fig99)
99
(*3) Absolute value
(*4) Under high temperature, consider the power dissipation of the IC when selecting the output current.
When the output terminal is continuously shorted the output current is reduced to lower the temperature inside the IC.
(*5) The maximum supply voltage is 26V for the LM2904DR, LM2904PW, LM2904PWR, and LM2904DQKR
The maximum supply voltage is 32V for the LM2904VQDR and LM2904VQPWR


Similar Part No. - LM324KVQPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324K TI-LM324K Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324K TI-LM324K Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324K TI-LM324K Datasheet
690Kb / 27P
[Old version datasheet]   Quadruple operationl amplifiers
REVISED JANUARY 2005
LM324K TI-LM324K Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
More results

Similar Description - LM324KVQPWR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com