Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP33A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 15KP33A
Description  15000 Watts Transient Voltage Suppressor 17 to 280 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

15KP33A Datasheet(HTML) 1 Page - Micro Commercial Components

  15KP33A Datasheet HTML 1Page - Micro Commercial Components 15KP33A Datasheet HTML 2Page - Micro Commercial Components 15KP33A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15KP17(C)A
THRU
15KP280(C)A
15000 Watts Transient
Voltage Suppressor
17 to 280 Volt
Features
15000 Watts Peak Pulse Power Capability on 10/1000us
waveform
Glass passivated junction
and Plastic package Devices
Low incremental surge resistance
High temperature soldering guaranteed
Fast response time: typically less than 1.0ps from 0 Volts
to BV, bidirectonal less than 10ns
Mechanical Data
Polarity: Color band denotes cathode except
Bipolar
Weight: 0.07 ounce, 2.5 grams
Terminals: plated Axial leads, solderable per MIL-STD-750,
Methode 2026
Maximum Ratings
Operating Temperature: -55
to +175
Storage Temperature: -55
to +175
Minimum 15000 watts of Peak Pulse Power Capability on
10/1000us waveform
8 Walts of Steady State Power Dissipation at RL=75 ,Lead
lengths .375’’, (9.5mm)
Forward Surge Current: 400 Amps, 1/20 sec @ 25
oC
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
Revision:
A
20
11/01/01
V(BR) - BREAKDOWN VOLTAGE-VOLTS
FIGURE 1
Typical Capacitance vs. Breakdown Voltage
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
UL Recognized File # E331408
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
R-6
DIMENSIONS
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 15KP33A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP33A EIC-15KP33A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP33A ETC2-15KP33A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP33A MICROSEMI-15KP33A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP33A SUNMATE-15KP33A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP33A LITTELFUSE-15KP33A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP33A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
E-CMOS Corporation
15KPA E-CMOS-15KPA Datasheet
378Kb / 3P
   Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
logo
Micro Commercial Compon...
30KP28A MCC-30KP28A Datasheet
237Kb / 3P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
StarHope
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com