Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904SR Datasheet(PDF) 11 Page - Rohm

Part # LM2904SR
Description  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2904SR Datasheet(HTML) 11 Page - Rohm

Back Button LM2904SR Datasheet HTML 7Page - Rohm LM2904SR Datasheet HTML 8Page - Rohm LM2904SR Datasheet HTML 9Page - Rohm LM2904SR Datasheet HTML 10Page - Rohm LM2904SR Datasheet HTML 11Page - Rohm LM2904SR Datasheet HTML 12Page - Rohm LM2904SR Datasheet HTML 13Page - Rohm LM2904SR Datasheet HTML 14Page - Rohm LM2904SR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
11/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM2902 family
(*)The data above is ability value of sample, it is not guaranteed.
-8
-6
-4
-2
0
2
4
6
8
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-10
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
-1
01234
5
INPUT VOLTAGE [Vin]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
010
20
30
40
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Bias Current – Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
-10
-5
0
5
10
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
4
6
8
1012
1416
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Common Mode Input Voltage
(VCC=5[V])
Input Bias Current – Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Offset Voltage – Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
3V
32V
5V
125℃
-40℃
25℃
Input Bias Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
5V
Input Offset Current – Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
-40℃
25℃
125℃
Input Offset Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
32V
5V
-40℃
25℃
125℃
-40℃
105℃
25℃
Large Signal Voltage Gain
– Ambient Temperature
(RL=2[kΩ])
15V
5V
-40℃
125℃
25℃
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
5V
3V
32V
Power Supply Rejection Ratio
– Ambient Temperature
Large Signal Voltage Gain – Supply Voltage
(RL=2[kΩ])
105℃
125℃
105℃
105℃
32V
105℃
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
LM2902 family
Fig. 85
Fig. 86
Fig. 87
Fig. 88
Fig. 89
Fig. 90
Fig. 91
Fig. 92
Fig. 93
Fig. 94
Fig. 95
Fig. 96
[V]
36V


Similar Part No. - LM2904SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2904S ONSEMI-LM2904S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Diodes Incorporated
LM2904S-13 DIODES-LM2904S-13 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2904S-13 DIODES-LM2904S-13 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM2904SN ONSEMI-LM2904SN Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
LM2904SNG ONSEMI-LM2904SNG Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
More results

Similar Description - LM2904SR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com