Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1U20 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS1U20
Description  OPIC Light Detector for Infrared Communication (IrDA1.0 Compatible)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1U20 Datasheet(HTML) 2 Page - Sharp Corporation

  IS1U20 Datasheet HTML 1Page - Sharp Corporation IS1U20 Datasheet HTML 2Page - Sharp Corporation IS1U20 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IS1U20
Circuit Block Diagram
Vout
Vcc
GND
Amp.
Comparator
Photodiode
Ro= 22k
Auto bias current
control circuit
φ
φ
Receiving distance : L
IS1U20
Oscilloscope
*1
Transmitter
*1 Transmitter shall use the light emitting diode GL550 (
λp=850 to 900 nm) and be adjusted to the radiant intensity of 40mW/sr.
T1
T1
T2
Transmitter radiant intensity : 40 mW/sr
90%
50%
10%
VOH
VOL
*3 Input signal waveform
*4 Output waveform regulation
*5 Optical system
3
1
2
T =416.7
µs and T =78.1µs at BR=2.4kbps
12
T =8.68
µs and T =1.63µs at BR=115.2kbps
12
tf
tr
tw
(
φ : Horizontal and vertical directions)
s


Similar Part No. - IS1U20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U60 SHARP-IS1U60 Datasheet
46Kb / 5P
   Sensors with 1-Package Design of Remote Control Detecting Functions owing to OPIC
IS1U60L SHARP-IS1U60L Datasheet
46Kb / 5P
   Sensors with 1-Package Design of Remote Control Detecting Functions owing to OPIC
IS1U621 SHARP-IS1U621 Datasheet
46Kb / 5P
   Sensors for Remote Control
IS1U621L SHARP-IS1U621L Datasheet
46Kb / 5P
   Sensors for Remote Control
More results

Similar Description - IS1U20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL1F20 SHARP-GL1F20 Datasheet
24Kb / 2P
   Infrared Communication IrDA1.0 Compatible InfraredEmitting Diode
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
   GA1A1S204WP OPIC Light Detector
IS487 SHARP-IS487 Datasheet
54Kb / 4P
   Built-in Amp.Type OPIC Light Detector
IS455 SHARP-IS455 Datasheet
56Kb / 4P
   Linear Output Type OPIC Light Detector
IS445 SHARP-IS445 Datasheet
66Kb / 2P
   LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS474 SHARP-IS474 Datasheet
66Kb / 5P
   Linear Output Type OPIC Light Detector
IS1682 SHARP-IS1682 Datasheet
53Kb / 2P
   OPIC Light Detector for X40 Speed CD-ROM Drive
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
IS456 SHARP-IS456 Datasheet
65Kb / 5P
   High Speed Response Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
   High Speed Response Type OPIC Light Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com