Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTR50UZPFD Datasheet(PDF) 2 Page - Rohm

Part # LTR50UZPFD
Description  High Power Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR50UZPFD Datasheet(HTML) 2 Page - Rohm

  LTR50UZPFD Datasheet HTML 1Page - Rohm LTR50UZPFD Datasheet HTML 2Page - Rohm LTR50UZPFD Datasheet HTML 3Page - Rohm LTR50UZPFD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.F
Data Sheet
LTR50
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level
loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component
cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
J :
±5%
F :
±1%
D :
±0.5%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage : 200V
Static electric
characteristics
± (5.0%+0.05Ω)
EIAJ ED-4701/300 Test method 304
Voltage : 3kv
C : 100pF
R : 1.5k
Ω
Apply cycle : 1 time


Similar Part No. - LTR50UZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50UZPF ROHM-LTR50UZPF Datasheet
96Kb / 5P
   High Power Chip Resistors
LTR50UZPFL1R0 ROHM-LTR50UZPFL1R0 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR50UZPFLR047 ROHM-LTR50UZPFLR047 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR50UZPFS1R0 ROHM-LTR50UZPFS1R0 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR50UZPFSR047 ROHM-LTR50UZPFSR047 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
More results

Similar Description - LTR50UZPFD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
logo
TT Electronics.
SC3 TTELEC-SC3_17 Datasheet
1Mb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM0805 BOURNS-CRM0805 Datasheet
168Kb / 2P
   High power chip resistors
logo
Rohm
LTR18 ROHM-LTR18_10 Datasheet
119Kb / 3P
   High Power Chip Resistors
logo
TT Electronics.
SCW-SC3LF-2R70 TTELEC-SCW-SC3LF-2R70 Datasheet
986Kb / 3P
   High Power Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com