Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP144CA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 30KP144CA
Description  30000 Watts Transient Voltage Suppressor 28 to 288 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

30KP144CA Datasheet(HTML) 2 Page - Micro Commercial Components

  30KP144CA Datasheet HTML 1Page - Micro Commercial Components 30KP144CA Datasheet HTML 2Page - Micro Commercial Components 30KP144CA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30KP28(C)(A)~288(C)(A)
www.mccsemi.com
2 of 3
Revision: A
2011/01/01
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE VBR(V)
MAX. @IT
TEST
CURRENT
IT (mA)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(
µA)
MAXIMUM
CLAMPING
VOLTAGE@IPP
Vc(V)
UNI-POLAR
BI-POLAR
30KP28A
30KP28CA
28
31.28
34.24
50
606
5000
50
30KP30A
30KP30CA
30
33.51
36.69
50
548.9
5000
55.2
30KP33A
30KP33CA
33
36.9
40.4
50
517.9
5000
58.5
30KP36A
30KP36CA
36
40.2
44
50
490.3
5000
61.8
30KP39A
30KP39CA
39
43.6
47.7
20
450.9
2000
67.2
30KP42A
30KP42CA
42
46.9
51.4
10
420.8
1000
72
30KP43A
30KP43CA
43
48
52.6
10
415.1
1000
73
30KP45A
30KP45CA
45
50.3
55
5
391.5
250
77.4
30KP48A
30KP48CA
48
53.6
58.7
5
371.3
150
81.6
30KP51A
30KP51CA
51
57
62.4
5
350.7
50
86.4
30KP54A
30KP54CA
54
60.3
66
5
331.5
20
91.4
30KP58A
30KP58CA
58
64.8
70.9
5
327.9
20
92.4
30KP60A
30KP60CA
60
67
73.4
5
297.1
15
102
30KP64A
30KP64CA
64
71.5
78.3
5
291.3
10
104
30KP66A
30KP66CA
66
73.7
80.7
5
283.2
10
107
30KP70A
30KP70CA
70
78.2
85.6
5
278
10
109
30KP71A
30KP71CA
71
79.3
86.8
5
271.7
10
111.5
30KP72A
30KP72CA
72
80.4
88.1
5
265.8
10
114
30KP75A
30KP75CA
75
83.8
91.7
5
253.8
10
119.4
30KP78A
30KP78CA
78
87.1
95.4
5
234.9
10
129
30KP84A
30KP84CA
84
93.8
102.7
5
217.7
10
139.2
30KP90A
30KP90CA
90
100.5
110.1
5
207
10
146.4
30KP96A
30KP96CA
96
107.2
117.4
5
194.2
10
156
30KP102A
30KP102CA
102
113.9
124.7
5
183
10
165.6
30KP108A
30KP108CA
108
120.6
132.1
5
172.9
10
175.2
30KP120A
30KP120CA
120
134
146.8
5
155.9
10
194.4
30KP132A
30KP132CA
132
147.4
161.4
5
142.3
10
213
30KP144A
30KP144CA
144
160.8
176.1
5
135.8
10
223.2
30KP150A
30KP150CA
150
167.6
183.5
5
129.8
10
233.4
30KP156A
30KP156CA
156
174.3
190.8
5
123.7
10
245
30KP160A
30KP160CA
160
178.7
195.7
5
120
10
252.6
30KP168A
30KP168CA
168
187.7
205.5
5
111.2
10
272.4
30KP170A
30KP170CA
170
189.9
207.9
5
110.2
10
275
30KP180A
30KP180CA
180
201.1
220.1
5
104.3
10
290.4
30KP198A
30KP198CA
198
221.2
242.2
5
94.7
10
319.8
30KP216A
30KP216CA
216
241.3
264.2
5
86.9
10
348.6
30KP240A
30KP240CA
240
268.1
293.5
5
78.3
10
387
30KP258A
30KP258CA
258
288.2
315.5
5
72.8
10
416.4
30KP260A
30KP260CA
260
290.4
318
5
72.8
10
416
30KP270A
30KP270CA
270
301.6
330.2
5
69.5
10
436.2
30KP280A
30KP280CA
280
312.8
342.4
5
65.3
10
464
30KP288A
30KP288CA
288
321.7
352.2
5
64.5
10
469.9
For bidirectional type having Vrwm of 60 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
PART NUMBER
MCC
TM
Micro Commercial Components


Similar Part No. - 30KP144CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
30KP144CA MDE-30KP144CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
30KP144CA MDE-30KP144CA Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP144CA LEIDITECH-30KP144CA Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
30KP144CA YFWDIODE-30KP144CA Datasheet
421Kb / 4P
   Glass Passivated Junction Transient Voltage Suppressor
logo
UN Semiconducctor INC
30KP144CA UNSEMI-30KP144CA Datasheet
3Mb / 6P
   30000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - 30KP144CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
SUNMATE electronic Co.,...
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
StarHope
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
15KP17A MCC-15KP17A Datasheet
217Kb / 3P
   15000 Watts Transient Voltage Suppressor 17 to 280 Volt
logo
StarHope
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_11 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com