Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUM-512HML350 Datasheet(PDF) 1 Page - Rohm

Part # LUM-512HML350
Description  16 x 32 dot matrix unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LUM-512HML350 Datasheet(HTML) 1 Page - Rohm

  LUM-512HML350 Datasheet HTML 1Page - Rohm LUM-512HML350 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUM-512HML350
LED displays
1/1
16
×32 dot matrix unit
LUM-512HML350
The LUM-512HML350 is a 16
×32 three colors dot matrix display which can be used in a wide range of applications,
including alphabet, numeric, symbol and graphical displays. A large display can be easily created by arranging a number
of these dot matrix displays in an array, and they can be applied to a variety of display purposes. A custom LSI controller
has display data memory for two screens, and data for each screen can be written and displayed in turn.
Applications
Light source for displays
Features
1) 16
×32 dot matrix.
Shape of emitting section :
2.1
×2.3
2) Dimensions : 96mm
×192mm
3) Clear display.
4) Three-color display is possible
(red, green, and orange).
5) 1 / 16 duty dynamic scan method.
6) Ultra-thin shape of 9.1mm, light weight
of 90g, and wide directional
characteristics of 100 degrees.
Dimensions (Unit : mm)
Product specification
Part No.
Emitting
surface
size
(mm)
Display
Chip LEDs
Emitting
color
Wavelength
(nm)
VDD
(V)
VLED
(V)
lCC1
Max.
(mA)
lCC2
Max.
(A)
Operating
freq.
(MHz)
Brightness
(cd/m2)
Dot
size
(mm)
Dot
pitch
(mm)
Control
Number
of dots
(dot)
LED
Drive type
1/16 duty
(Memory type)
LUM-512HML350
6
2.1
× 2.3
5
16
× 32
96
× 192
20
5
4.3
20
Red
Green
660
563
100
100


Similar Part No. - LUM-512HML350

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-512HML350 ROHM-LUM-512HML350 Datasheet
57Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML350 ROHM-LUM-512HML350 Datasheet
175Kb / 3P
   LED displays
More results

Similar Description - LUM-512HML350

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-512HMU309 ROHM-LUM-512HMU309 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512CD300 ROHM-LUM-512CD300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LPM-5123MU350 ROHM-LPM-5123MU350 Datasheet
81Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML320 ROHM-LUM-512HML320 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LUM-512HU351 ROHM-LUM-512HU351 Datasheet
94Kb / 2P
   16 x 32 dot matrix unit
LUM-512CU300 ROHM-LUM-512CU300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LPM-5123Y320 ROHM-LPM-5123Y320 Datasheet
80Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML303 ROHM-LUM-512HML303 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512CMU320 ROHM-LUM-512CMU320 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML300 ROHM-LUM-512HML300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com