Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5819WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # B5819WS
Description  1 Amp Schottky Barrier Rectifier 20 - 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

B5819WS Datasheet(HTML) 1 Page - Micro Commercial Components

  B5819WS Datasheet HTML 1Page - Micro Commercial Components B5819WS Datasheet HTML 2Page - Micro Commercial Components B5819WS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B5817WS
Thru
B5819WS
1 Amp Schottky
Barrier Rectifier
20 - 40 Volts
Features
Guard Ring Protection
Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters
High Surge Current Capability
Operating Temperature: -65
to +125
Storage Temperature: -65
to +150
Maximum Thermal Resistance; 500
/W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
B5817WS
SJ
20V
14V
20V
B5818WS
SK
30V
21V
30V
B5819WS
SL
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Tc = 90
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
0.45V
0.55V
0.60V
IFM = 1.0A;
TJ = 25
(Note 1)
Maximum
Instantaneous
Forward Voltage
B5817WS
B5818WS
B5819WS
VF
0.75V
0.875V
0.90V
IFM = 3A;
TJ = 25
(Note 1)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
TA = 25
Typical junction
capacitance
CJ
120pF
Measured at
1.0MHz , VR=4.0V
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD-323
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Maximum Ratings
Notes:
1.
Pulse Test: Pulse Width 300usec, Duty Cycle 2%
Revision: A
2011/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
   SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
B5819WS RECTRON-B5819WS Datasheet
364Kb / 5P
   Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
logo
Taiwan Semiconductor Co...
B5819WS TSC-B5819WS Datasheet
144Kb / 5P
   SOD-323 20~40V/1A Schottky Diode
logo
Nanjing International G...
B5819WS DGNJDZ-B5819WS Datasheet
572Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W_17 Datasheet
460Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
SR102 MCC-SR102 Datasheet
311Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_11 Datasheet
409Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817 YFWDIODE-1N5817 Datasheet
77Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
DL5817 MCC-DL5817_11 Datasheet
458Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_14 Datasheet
493Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com