Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR004 Datasheet(PDF) 4 Page - Rohm

Part # MCR004
Description  Compact Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR004 Datasheet(HTML) 4 Page - Rohm

  MCR004 Datasheet HTML 1Page - Rohm MCR004 Datasheet HTML 2Page - Rohm MCR004 Datasheet HTML 3Page - Rohm MCR004 Datasheet HTML 4Page - Rohm MCR004 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.D
Data Sheet
MCR004
Part No. Explanation
Packaging Specifications Code
C
MR 0
4
P
YZ
J
RZP
MCR004
40,000
Resistance tolerance
Part No.
Nominal resistance
0
φ180mm
Embossed tape (1mm Pitch)
J
±5%
F
F
J
:
:
4 digits
3 digits
±1%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%)
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product
YZP
15,000
φ180mm
Paper tape (2mm Pitch)


Similar Part No. - MCR004

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR004 ROHM-MCR004 Datasheet
157Kb / 5P
   Compact Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
226Kb / 12P
   Thick Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
MCR004 ROHM-MCR004 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR004

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR004 ROHM-MCR004 Datasheet
157Kb / 5P
   Compact Film Chip Resistors
MCR006 ROHM-MCR006_11 Datasheet
137Kb / 4P
   Compact Film Chip Resistors
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
MCR03 ROHM-MCR03_11 Datasheet
141Kb / 5P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
SMR ROHM-SMR Datasheet
87Kb / 5P
   Ultra-Compact Chip Resistors
logo
List of Unclassifed Man...
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com