Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03PZPIJFX Datasheet(PDF) 2 Page - Rohm

Part # MCR03PZPIJFX
Description  Compact Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03PZPIJFX Datasheet(HTML) 2 Page - Rohm

  MCR03PZPIJFX Datasheet HTML 1Page - Rohm MCR03PZPIJFX Datasheet HTML 2Page - Rohm MCR03PZPIJFX Datasheet HTML 3Page - Rohm MCR03PZPIJFX Datasheet HTML 4Page - Rohm MCR03PZPIJFX Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.N
Data Sheet
MCR03 (0603 size : 1 / 10W)
Max. 50m
Ω
1A
−55°C to +155°C
Jumper type
Resistance
Rated current
Operating temperature
FX (
±1%)
J (
±5%)
10 to 10M
(E24,96)
(E24)
(E24)
±100
±400
1.0 to 9.1
±200
10 to 10M
D (
±0.5%)
(E24)
(E24)
±100
10 to 91
±50
100 to 1M
Table 1
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm/
°C)
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Jumper type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
Max. 50m
Ω
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
Max. 50m
Ω
Max. 100m
Ω
J :
±5%
FX :
±1%
D:
±0.5%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Max. 50m
Ω
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
+25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 100m
Ω
Max. 100m
Ω
Max. 50m
Ω
Max. 50m
Ω
Max. 50m
Ω
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Limiting element voltage
×2 : 100V


Similar Part No. - MCR03PZPIJFX

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR03PZPIJFX

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com