Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03PZPIDD Datasheet(PDF) 3 Page - Rohm

Part # MCR03PZPIDD
Description  Compact Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03PZPIDD Datasheet(HTML) 3 Page - Rohm

  MCR03PZPIDD Datasheet HTML 1Page - Rohm MCR03PZPIDD Datasheet HTML 2Page - Rohm MCR03PZPIDD Datasheet HTML 3Page - Rohm MCR03PZPIDD Datasheet HTML 4Page - Rohm MCR03PZPIDD Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.N
Data Sheet
MCR03 (0603 size : 1 / 10W)
Dimensions (Unit : mm)
No.
Material
Resistive element
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
0.3
±0.2
0.3
±0.2
1.6
±0.1
1
2
3
4
5
6
1
2
4
5
3
6
Packaging
Reel
Taping
Bulk case
Narrow pitch (2mm pitch) version
110
±0.7
12.0
±0.1
(Unit : mm)
Slider
Shutter
EIAJ ET-7200B compliamt
36
0
−0.2
T2
Thick paper
mount
(Underside paper tape) Chip resistor Square punchout hole
Heat crimp cover Tape
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.1
±0.1
1.9
±0.1
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
T2
Thick paper
mount
(Underside paper tape) Chip resistor
Square punchout hole
Heat crimp cover Tape
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.1
±0.1
1.9
±0.1
4.0
±0.1
2.0
±0.5
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
P0
P2
P1
E
F
W
φD0
A0
B0
P0
P2
P1
E
F
W
φD0
A0
B0
AB
C
D
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
Label
EIAJ ET-7200B compliant
C
AB
D
φ180
0
−3
φ60
+1
0
9
+1.0
0
φ13±0.2


Similar Part No. - MCR03PZPIDD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03PZPID100 ROHM-MCR03PZPID100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPID100 ROHM-MCR03PZPID100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPID100 ROHM-MCR03PZPID100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR03PZPID100 ROHM-MCR03PZPID100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPID100 ROHM-MCR03PZPID100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR03PZPIDD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com