Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR50 Datasheet(PDF) 3 Page - Rohm

Part # MCR50
Description  Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR50 Datasheet(HTML) 3 Page - Rohm

  MCR50 Datasheet HTML 1Page - Rohm MCR50 Datasheet HTML 2Page - Rohm MCR50 Datasheet HTML 3Page - Rohm MCR50 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.G
Data Sheet
MCR50
Packaging
C
AB
D
AB
C
D
A0
P1
P0
P2
K
φD
Label
Reel
Taping
EIAJ ET-7200B compliant
13
+1.0
0
φ180
0
−1.5
φ60
+1
0
φ13±0.2
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
12.0
±0.3
5.5
±0.05
1.75
±0.1
3.4
±0.2
5.6
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
Part No. Explanation
Packaging Specifications Code
Part No.
MC
0
5
RJ
Resistance tolerance
ZH
J
Nominal resistance
JZH
4,000
Embossed tape (4mm Pitch)
φ180mm (7in.)
MCR50
J
±5%
F
±1%
J is also used
for jumper
Reel (
φ180) : JEITA ET-7200B
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit (pcs)
J(
±5%)
F(
±1%)
F
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code


Similar Part No. - MCR50

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50 Datasheet
157Kb / 6P
   Thick film rectangular
MCR50 ROHM-MCR50 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR50 ROHM-MCR50 Datasheet
64Kb / 4P
   Thick film rectangular Low resistance series
MCR50 ROHM-MCR50 Datasheet
244Kb / 7P
   Thick Film Chip Resistors
MCR50 ROHM-MCR50 Datasheet
226Kb / 12P
   Thick Film Chip Resistors
More results

Similar Description - MCR50

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com