Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH168P Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH168P
Description  309-output TFT-LCD Source Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168P Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH168P Datasheet HTML 7Page - Sharp Corporation LH168P Datasheet HTML 8Page - Sharp Corporation LH168P Datasheet HTML 9Page - Sharp Corporation LH168P Datasheet HTML 10Page - Sharp Corporation LH168P Datasheet HTML 11Page - Sharp Corporation LH168P Datasheet HTML 12Page - Sharp Corporation LH168P Datasheet HTML 13Page - Sharp Corporation LH168P Datasheet HTML 14Page - Sharp Corporation LH168P Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
LH168P
NOTES :
1. Criterion of evaluating voltage deviations.
(a) Between output voltage pins
Measuring values : Output voltage value at the time after
10 µs at the rising edge of LS.
(Average of several times)
(Conditions) Output load capacity is 150 pF.
In a state when the reference voltage is fixed.
Expecting values : Calculated following these specifications.
(Conditions) In a state when the reference voltage is fixed.
(b) Between LCD drivers
Measuring values : Applicable to (a).
(Conditions) Applicable to (a).
Expecting values : Applicable to (a).
(Conditions) Applicable to (a).
Each input voltage between the LCD drivers must be
made perfectly equal by connecting corresponding
reference voltage input pins.
2. IO1 : Applied voltage = 3.0 V for output pins XO1 to ZO103.
Output voltage = 2.5 V for output pins XO1 to ZO103.
VCC = VLS = 5.0 V
IO2 : Applied voltage = 2.0 V for output pins XO1 to ZO103.
Output voltage = 2.5 V for output pins XO1 to ZO103.
VCC = VLS = 5.0 V
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT
NOTE
Input "Low" voltage
VIL
XI0-XI5, YI0-YI5, ZI0-ZI5, SPIO,
SPOI, CK, LS, LBR, MODE
GND
0.3VCC
V
VIH
0.7VCC
VCC
V
Input "High" current
VILH
XI0-XI5, YI0-YI5, ZI0-ZI5, SPIO,
SPOI, CK, LS, LBR, MODE
10
µA
Supply current
(In operation mode)
ICC1
fCK = 55 MHz
fLS = 50 kHz
(Data sampling state)
VCC-GND
12
mA
Supply current
(In standby mode)
ICC2
fCK = 55 MHz
fLS = 50 kHz
SPI = GND is fixed.
(Standby state)
4mA
Supply current
(In operation mode)
ILS1
fCK = 55 MHz
fLS = 50 kHz
(Data sampling state)
VLS-GND
Output voltage range
VOUT
XO1-ZO103
GND + 0.1
VLS – 0.1
V
1
Deviations between
output voltage pins
VOD
–20
20
mV
Output current
IO1, IO2
20
50
µA
2
Resistance between
reference voltage input pins
RGMA
V0-V10
10
20
30
k$
µA
400
MODE
IILL2
µA
10
XI0-XI5, YI0-YI5, ZI0-ZI5, SPIO,
SPOI, CK, LS, LBR
IILL1
Input "Low" current
V
VCC
VCC – 0.4
IOH = –0.3 mA
VOH
V
GND + 0.4
GND
SPIO, SPOI
IOL = 0.3 mA
VOL
Output "Low" voltage
Input "High" voltage
Output "High" voltage
8mA
mA
7
fCK = 55 MHz
fLS = 50 kHz
SPI = GND is fixed.
(Standby state)
ILS2
Supply current
(In standby mode)
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = VLS = +3.0 to +5.5 V, TOPR = –20 to +75 ˚C)


Similar Part No. - LH168P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
   5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
   324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
   384 Outputs 64 Gradations TFT-LCD Source Driver
More results

Similar Description - LH168P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
LH168K SHARP-LH168K Datasheet
92Kb / 16P
   324-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com