Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5U28 Datasheet(PDF) 4 Page - Rohm

Part # QS5U28
Description  2.5V Drive PchSBD MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS5U28 Datasheet(HTML) 4 Page - Rohm

  QS5U28_06 Datasheet HTML 1Page - Rohm QS5U28_06 Datasheet HTML 2Page - Rohm QS5U28_06 Datasheet HTML 3Page - Rohm QS5U28_06 Datasheet HTML 4Page - Rohm QS5U28_06 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QS5U28
Transistor
Rev.A
4/4
024
135
0
1
2
3
4
5
6
7
TOTAL GATE CHARGE : Qg (nC)
8
6
Ta=25
°C
VDD=
−15V
ID=
−2A
RG=10
Pulsed
Fig.10 Dynamic Input Characteristics
Measurement circuits
Fig.11 Switching Time Measurement Circuit
Fig.12 Switching Waveforms
Fig.13 Gate Charge Measurement Circuit
Fig.14 Gate Charge Waveforms
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tr
td(off)
VGS
IG(Const)
RG
VDS
D.U.T.
ID
RL
VDD
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - QS5U28_06

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U28 ROHM-QS5U28 Datasheet
88Kb / 5P
   Small switching (-20V, -2.0A)
More results

Similar Description - QS5U28_06

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
   2.5V Drive Pch SBD MOS FET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
   2.5V Drive PchSBD MOS FET
QS5U23 ROHM-QS5U23_06 Datasheet
96Kb / 5P
   2.5V Drive PchSBD MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
   2.5V Drive PchSBD MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
   2.5V Drive PchSBD MOS FET
RTR025P02FRA ROHM-RTR025P02FRA Datasheet
1Mb / 7P
   2.5V Drive Pch MOS FET
RTE002P02 ROHM-RTE002P02 Datasheet
65Kb / 3P
   2.5V Drive Pch MOS FET
RTM002P02T2L ROHM-RTM002P02T2L Datasheet
82Kb / 3P
   2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
   2.5V Drive Pch MOS FET
RTF011P02 ROHM-RTF011P02 Datasheet
65Kb / 3P
   2.5V Drive Pch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com