Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5Y1 Datasheet(PDF) 6 Page - Rohm

Part # QS5Y1
Description  Midium Power Transistors (30V / 3A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS5Y1 Datasheet(HTML) 6 Page - Rohm

  QS5Y1 Datasheet HTML 1Page - Rohm QS5Y1 Datasheet HTML 2Page - Rohm QS5Y1 Datasheet HTML 3Page - Rohm QS5Y1 Datasheet HTML 4Page - Rohm QS5Y1 Datasheet HTML 5Page - Rohm QS5Y1 Datasheet HTML 6Page - Rohm QS5Y1 Datasheet HTML 7Page - Rohm QS5Y1 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
QS5Y1
 
1
10
100
1000
0.1
1
10
100
COLLECTOR - BASE VOLTAGE : V
CB (V)
EMITTER - BASE VOLTAGE : V
EB (V)
Fig.7 Emitter Input Capacitance vs. Emitter-Base Voltage
Collector Output Capacitance vs. Collector-Base Voltage
Ta=25
°C
f=1MHz
I
E=0A
I
C=0A
Cob
Cib
10
100
1000
-10
-100
-1000
EMITTER CURRENT : I
E[mA]
Ta=25
°C
V
CE=10V
Pulsed
Fig.8 Gain Bandwidth Product vs. Emitter Current
0.001
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE : V
CE[V]
Fig.9 Safe Operating Area
10ms
1ms
100ms
DC
(Mounted on a recommended land)
Ta=25
°C
When one element operated
Single non repetitive pulse
6/7
2011.02 - Rev.A


Similar Part No. - QS5Y1

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
More results

Similar Description - QS5Y1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-30V / -3A)
QS5W1 ROHM-QS5W1 Datasheet
1Mb / 6P
   Midium Power Transistors (30V / 3A)
2SCR552P ROHM-2SCR552P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 3A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
   Midium Power Transistors (50V / 3A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com