Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F004SU-Z1 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LH28F004SU-Z1
Description  4M (512K 횞 8) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F004SU-Z1 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LH28F004SU-Z1 Datasheet HTML 3Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 4Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 5Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 6Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 7Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 8Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 9Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 10Page - Sharp Corporation LH28F004SU-Z1 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4M (512K × 8) Flash Memory
LH28F004SU-Z1
7
COMMAND
FIRST BUS CYCLE
SECOND BUS CYCLE
NOTE
OPER.
ADDRESS
DATA
OPER.
ADDRESS
DATA
Read Array
Write
X
FFH
Read
AA
AD
Intelligent Identifier
Write
X
90H
Read
IA
ID
1
Read Compatible Status Register
Write
X
70H
Read
X
CSRD
2
Clear Status Register
Write
X
50H
3
Word Write
Write
X
40H
Write
WA
WD
Alternate Word Write
Write
X
10H
Write
WA
WD
Block Erase/Confirm
Write
X
20H
Write
BA
D0H
4
Erase Suspend/Resume
Write
X
B0H
Write
X
D0H
4
LH28F008SA-Compatible Mode Command Bus Definitions
ADDRESS
DATA
AA = Array Address
AD = Array Data
BA = Block Address
CSRD = CSR Data
IA = Identifier Address
ID = Identifier Data
WA = Write Address
WD = Write Data
X = Don’t Care
NOTES:
1. Following the intelligent identifier command, two Read operations access the manufacturer and device signature codes.
2. The CSR is automatically available after device enters Data Write, Erase or Suspend operations.
3. Clears CSR.3, CSR.4, and CSR.5. See Status register definitions.
4. While device performs Block Erase, if you issue Erase Suspend command (B0H), be sure to confirm ESS (Erase-Suspend-Status) is
set to 1 on compatible status register. In the case, ESS bit was not set to 1, also completed the Erase (ESS = 0, WSMS = 1), be sure
to issue Resume command (D0H) after completed next Erase command. Beside, when the Erase Suspend command is issued, while
the device is not in Erase, be sure to issue Resume command (D0H) after the next erase complete.
LH28F004SU-Z1 Performance Enhancement Command Bus Definitions
ADDRESS
DATA
BA = Block Address
AD = Array Data
WA = Write Address
WD (L, H) = Write Data (Low, High)
X = Don’t Care
WD (H, L) = Write Data (High, Low)
NOTES:
1. After initial device power-up, or return from deep power-down mode, the block lock status bit default to the locked state independent of
the data in the corresponding lock bits. In order to upload the lock bit status, it requires to write Protect Set/Confirm command.
2. To reflect the actual lock-bit status, the Protect Set/Confirm command must be written after Lock Block/Confirm command.
3. When Protect Reset/Confirm command is written, all blocks can be written and erased regardless of the state of the lock-bits.
4. The Lock Block/Confirm command must be written after Protect Reset/Confirm command was written.
5. A10 is automatically complemented to load second byte of data A10 value determines which WD is supplied first: A10 = 0 looks at the
WDL, A10 = 1 looks at the WDH.
6. Second bus cycle address of Protect Set/Confirm and Protect Reset/Confirm command is 0FFH. Specifically A9 - A8 = 0, A7 - A0 = 1,
others are don’t care.
COMMAND
MODE
FIRST BUS CYCLE
SECOND BUS CYCLE
THIRD BUS CYCLE
NOTE
OPER. ADD.
DATA OPER.
ADD.
DATA
OPER.
ADD.
DATA
Protect Set/Confirm
Write
X
57H
Write
0FFH
D0H
1, 2
Protect Reset/Confirm
Write
X
47H
Write
0FFH
D0H
3
Lock Block/Confirm
Write
X
77H
Write
BA
D0H
1, 2, 4
Erase All Unlocked
Blocks
Write
X
A7H
Write
X
D0H
1, 2
Two-Byte Write
x8
Write
X
FBH
Write
A10
WD (L, H)
Write
WA
WD (H, L) 1, 2, 5


Similar Part No. - LH28F004SU-Z1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-Z9 SHARP-LH28F004SU-Z9 Datasheet
188Kb / 31P
   4M (512 횞 8) Flash Memory
More results

Similar Description - LH28F004SU-Z1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Sanyo Semicon Device
LE28FV4001CTS-20 SANYO-LE28FV4001CTS-20 Datasheet
158Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
logo
Sharp Corporation
LH28F004SU-Z9 SHARP-LH28F004SU-Z9 Datasheet
188Kb / 31P
   4M (512 횞 8) Flash Memory
logo
Sanyo Semicon Device
LE28F4001CTS SANYO-LE28F4001CTS Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com