Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB050L-60 Datasheet(PDF) 1 Page - Rohm

Part # RB050L-60
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB050L-60 Datasheet(HTML) 1 Page - Rohm

  RB050L-60 Datasheet HTML 1Page - Rohm RB050L-60 Datasheet HTML 2Page - Rohm RB050L-60 Datasheet HTML 3Page - Rohm RB050L-60 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky barrier diode
RB050L-60
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1)Small power mold type. (PMDS)
2)Low IR
3)High reliability
Structure
Construction
Silicon epitaxial planar
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
Io
A
Io
A
IFSM
A
Tj
°C
Tstg
°C
(*2) On the Glass epoxy substrate, half sine wave at 180°
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
-
-
0.52
V
IF=2.0A
VF2
-
-
0.56
V
IF=3.0A
Reverse current
IR
-
-
100
A
VR=60V
Parameter
Forward voltage
Parameter
Limits
Reverse voltage (repetitive)
60
(*1) On the Glass epoxy substrate, half sine wave at 180° Tc=69°C MAX
Storage temperature
40 to 150
Forward current surge peak (60Hz・1cyc)
Reverse voltage (DC)
60
70
Junction temperature
150
Average rectified forward current (*1)
3
Average rectified forward current (*2)
2
ROHM : PMDS
JEDEC : SOD-106
3
4
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
Manufacture Date
PMDS
2.0
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
1/3
2011.04 - Rev.A


Similar Part No. - RB050L-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB050L-60 ROHM-RB050L-60 Datasheet
334Kb / 4P
   Schottky barrier diode
RB050L-60 ROHM-RB050L-60 Datasheet
355Kb / 7P
   Schottky barrier diode
RB050L-60 ROHM-RB050L-60 Datasheet
363Kb / 4P
   Schottky barrier diode
RB050L-60DD ROHM-RB050L-60DD Datasheet
2Mb / 8P
   Schottky Barrier Diode
RB050L-60TE25 ROHM-RB050L-60TE25 Datasheet
363Kb / 4P
   Schottky barrier diode
More results

Similar Description - RB050L-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com