Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB070M-30 Datasheet(PDF) 2 Page - Rohm

Part # RB070M-30
Description  Shottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB070M-30 Datasheet(HTML) 2 Page - Rohm

  RB070M-30 Datasheet HTML 1Page - Rohm RB070M-30 Datasheet HTML 2Page - Rohm RB070M-30 Datasheet HTML 3Page - Rohm RB070M-30 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB070M-30
0
5
10
15
20
AVE:9.30ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
420
430
440
450
460
470
0
50
100
150
AVE:96.0A
8.3ms
Ifsm
1cyc
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.01
0.1
1
10
100
1000
10000
100000
0
5
10
15
20
25
30
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=150℃
1
10
100
1000
0
5
10
15
20
25
30
f=1MHz
AVE:441.5mV
Ta=25℃
IF=1.5A
n=30pcs
0
20
40
60
80
100
120
140
160
180
200
Ta=25℃
VR=30V
n=30pcs
AVE:8.828uA
300
310
320
330
340
350
360
370
380
390
400
AVE:332.6pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
50
100
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
50
100
150
1
10
100
t
Ifs
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
0
0.5
1
1.5
2
01
23
DC
D=1/2
Sin(θ=180)
1ms
IM=10mA
IF=0.5A
300us
time
2/3
2011.04 - Rev.B


Similar Part No. - RB070M-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30 Datasheet
194Kb / 4P
   Schottky barrier diode (Silicon Epitaxial Planer)
RB070M-30 ROHM-RB070M-30 Datasheet
131Kb / 4P
   Schottky barrier diode
RB070M-30 ROHM-RB070M-30 Datasheet
342Kb / 4P
   Shottky barrier diode
RB070M-30TR ROHM-RB070M-30TR Datasheet
342Kb / 4P
   Shottky barrier diode
logo
Seiko Instruments Inc
RB070M-30TR SII-RB070M-30TR Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results

Similar Description - RB070M-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
   Shottky Barrier Diode
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
   Shottky barrier diode
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
   Shottky barrier diode
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
   Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
   Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
   Shottky Barrier Diode
logo
Rohm
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
   Shottky barrier diode
RB491D ROHM-RB491D_15 Datasheet
336Kb / 7P
   Shottky barrier diode
logo
Fuji Electric
ERA82-004 FUJI-ERA82-004 Datasheet
74Kb / 4P
   SHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com