Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SA-85 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F008SA-85
Description  8M (1M 횞 8) Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA-85 Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F008SA-85 Datasheet HTML 1Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 2Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 3Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 4Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 5Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 6Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 7Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 8Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
8M (1M × 8) Flash Memory
LH28F008SA
5
Commands are written using standard microproces-
sor write timings. Command User Interface contents
serve as input to the WSM, which controls the block
erase and byte write circuitry. Write cycles also inter-
nally latch addresses and data needed for byte write or
block erase operations. With the appropriate command
written to the register, standard microprocessor read
timings output array data, access the intelligent identi-
fier codes, or output byte write and block erase status
for verification.
The RY
  »/BY  » output gives an additional indicator of
WSM activity, providing capability for both hardware sig-
nal of status (versus software polling) and status mask-
ing (interrupt masking for background erase, for
example). Status polling using RY
  »/BY  » minimizes both
CPU overhead and system power consumption. When
low, RY
  »/BY  » indicates that theWSM is performing a block
erase or byte write operation. RY
  »/BY  » high indicates that
the WSM is ready for new commands, block erase is
suspended or the device is in deep power down mode.
Maximum access time is 85 ns (tACC) over the com-
mercial temperature range (0°C to +70°C) and over VCC
supply voltage range (4.5 V to 5.5 V and 4.75 V to
5.25 V). ICC active current (CMOS Read) is 20 mA typi-
cal, 35 mA maximum at 8 MHz.
When the CE
  » and PWD pins are at VCC, the ICC
CMOS Standby mode is enabled.
A Deep Powerdown mode is enabled when the PWD
pin is at GND, minimizing power consumption and pro-
viding write protection. ICC current in deep power down
is 0.20 µA typical. Reset time of 400 ns is required from
PWD switching high until outputs are valid to read
attempts. Equivalently, the device has a wake time of
1 µs from PWD high until writes to the Command User
Interface are recognized by the LH28F008SA.With PWD
at GND, the WSM is reset and the Status Register is
cleared.
PRINCIPLES OF OPERATION
The LH28F008SA includes on-chip write automation
to manage write and erase functions. The Write State
Machine allows for 100%TTL-level control inputs; fixed
power supplies during block erasure and byte write; and
minimal processor overhead with SRAM like interface
timings.
After initial device powerup, or after return from deep
powerdown mode (see Bus Operations), the
LH28F008SA functions as a read-only memory. Manipu-
lation of external memory-control pins allow array read,
standby and output disable operations. Both Status
Register and intelligent identifiers can also be accessed
through the Command User Interface whenVPP = VPPL.
This same subset of operations is also available when
high voltage is applied to the VPP pin. In addition, high
voltage on VPP enables successful block erasure and
byte writing of the device. All functions associated with
altering memory contents - byte write, block erase,
status and intelligent identifier - are accessed via the
Command User Interface and verified through the
Status Register.
Figure 4. Memory Map
MEMORY MAP
FFFFF
F0000
EFFFF
E0000
DFFFF
D0000
CFFFF
C0000
BFFFF
B0000
AFFFF
A0000
9FFFF
90000
8FFFF
80000
7FFFF
70000
6FFFF
60000
5FFFF
50000
4FFFF
40000
3FFFF
30000
2FFFF
20000
1FFFF
10000
0FFFF
00000
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
28F008SA-4


Similar Part No. - LH28F008SA-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAR-85 SHARP-LH28F008SAR-85 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
1Mb / 34P
   8M Flash Memory
More results

Similar Description - LH28F008SA-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
   Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SCT-L85 SHARP-LH28F008SCT-L85 Datasheet
552Kb / 55P
   Flash Memory 8M (1MB 횞 8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com