Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB400D Datasheet(PDF) 2 Page - Rohm

Part # RB400D
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB400D Datasheet(HTML) 2 Page - Rohm

  RB400D_11 Datasheet HTML 1Page - Rohm RB400D_11 Datasheet HTML 2Page - Rohm RB400D_11 Datasheet HTML 3Page - Rohm RB400D_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB400D
0
5
10
15
20
25
30
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
trr DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
0.1
1
10
100
1000
0
200
400
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
1
10
100
1000
0
5
10
15
20
25
30
f=1MHz
470
480
490
500
510
520
AVE:495.8mV
Ta=25℃
IF=0.5A
n=30pcs
0
1
2
3
4
5
6
7
8
9
10
Ta=25℃
VR=10V
n=30pcs
AVE:0.510uA
100
110
120
130
140
150
160
170
180
190
200
Ta=25℃
f=1MHz
VR=0V
n=10pcs
AVE:117.5pF
15
16
17
18
19
20
21
22
23
24
25
Ta=25℃
f=1MHz
VR=10V
n=10pcs
AVE:20.66pF
0
5
10
15
20
25
30
AVE:5.30A
8.3ms
Ifsm
1cyc
AVE:9.3ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
2
4
6
8
10
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
2
4
6
8
10
1
10
100
t
Ifsm
0
1
2
3
4
5
6
7
8
9
10
Ta=25℃
VR=25V
n=30pcs
AVE:1.117uA
2/3
2011.04 - Rev.B


Similar Part No. - RB400D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB400DT146 ROHM-RB400DT146 Datasheet
352Kb / 4P
   Schottky Barrier Diode
RB400D ROHM-RB400D_1 Datasheet
212Kb / 4P
   Shottky barrier diode
logo
Guangdong Kexin Industr...
RB400D KEXIN-RB400D_15 Datasheet
861Kb / 2P
   Schottky Diodes
logo
SHENZHEN YONGERJIA INDU...
RB400D WINNERJOIN-RB400D_15 Datasheet
76Kb / 1P
   Schottky barrier Diodes
logo
Rohm
RB400D ROHM-RB400D_15 Datasheet
344Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RB400D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com