Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB521SM-40 Datasheet(PDF) 2 Page - Rohm

Part # RB521SM-40
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB521SM-40 Datasheet(HTML) 2 Page - Rohm

  RB521SM-40 Datasheet HTML 1Page - Rohm RB521SM-40 Datasheet HTML 2Page - Rohm RB521SM-40 Datasheet HTML 3Page - Rohm RB521SM-40 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB521SM-40
 
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
20
21
22
23
24
25
26
27
28
29
30
AVE:27.2pF
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.1
0.2
0.3
0.4
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
Sin(
θ=180)
D=1/2
DC
0
5
10
1
10
100
t
Ifsm
0
5
10
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
20
AVE:5.60A
0
10
20
30
40
50
60
70
80
90
100
Ta=25℃
V
R=40V
n=30pcs
AVE:6.86uA
470
480
490
500
510
520
Ta=25℃
I
F=200mA
n=30pcs
AVE:495.2mV
1
10
100
0
10
20
30
0.1
1
10
100
1000
0
100
200
300
400
500
600
Ta=125℃
Ta=75℃
Ta=25℃
Ta=
-25℃
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
V
F DISPERSION MAP
I
R DISPERSION MAP
Ct DISPERSION MAP
I
FSM DISPERSION MAP
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
TIME:t(ms)
I
FSM-t CHARACTERISTICS
TIME:(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT : Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:V
R(V)
V
R-PR CHARACTERISTICS
Ta=25℃
f=1MHz
V
R=0V
n=10pcs
f=1MHz
8.3ms
Ifsm
1cyc
DC
D=1/2
Sin(
θ=180)
0.01
0.1
1
10
100
1000
10000
0
10
20
30
40
Ta=125℃
Ta=75℃
Ta=25℃
Ta=
-25℃
2/3
2011.06 - Rev.A


Similar Part No. - RB521SM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521SM-40 ROHM-RB521SM-40 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB521SM-40 ROHM-RB521SM-40_16 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB521SM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com