Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAV19
Description  500mW Small Signal Diodes 120 to 250 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV19 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAV19 Datasheet HTML 1Page - Micro Commercial Components BAV19 Datasheet HTML 2Page - Micro Commercial Components BAV19 Datasheet HTML 3Page - Micro Commercial Components BAV19 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
BAV19 thru BAV21
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.6, 20-Apr-06
logo
List of Unclassifed Man...
BAV19 ETC1-BAV19 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
logo
SEMTECH ELECTRONICS LTD...
BAV19 SEMTECH_ELEC-BAV19 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19 Datasheet
199Kb / 4P
   High Voltage Switching Diode
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
   General Purpose Diodes
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
   500mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
SUNMATE electronic Co.,...
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com