Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK18-B-200W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK18-B-200W
Description  MK Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK18-B-200W Datasheet(HTML) 1 Page - Meder Electronic

  MK18-B-200W_09 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MK18-B-200W
Item:
| Email: salesasia@meder.com
9182100024
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
at 20°C
Pull-In
KMS-13
Test equipment
Special Product Data
Conditions
Min
Typ
Max
Unit
87
Contact - No.
A - NO
Contact - form
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Carry current
DC or Peak AC
Switching current
measured with 40% overdrive
Sensor-resistance
PBT glass fibre reinforced
Housing material
black
Case colour
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
1/2 sine wave duration 11ms
Shock
from 10 - 2000 Hz
Vibration
cable not moved
Operating temperature
cable moved
Operating temperature
Storage temperature
yes
Reach / RoHS conformity
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a resistor is recommended.
Mounting advice
Modifications in the sense of technical progress are reserved
27.11.06
ALICHTENSTEIN
KSCHIELENSKI
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
10.08.09
TFRITSCHI
BUELTZHOEFFER
Approval by:
Approval by:
24.09.07
Approval at:
Approval at:
30.11.09


Similar Part No. - MK18-B-200W_09

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK18-B-200W_DE MEDER-MK18-B-200W_DE Datasheet
69Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK18-B-200W_09

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-85-E-1 MEDER-MK23-85-E-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK23-85-F-1 MEDER-MK23-85-F-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK24-B-2 MEDER-MK24-B-2_11 Datasheet
79Kb / 1P
   MK Reed Sensor
MK03-1A66B-1700W MEDER-MK03-1A66B-1700W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
MK02-1-1A66-2000W MEDER-MK02-1-1A66-2000W Datasheet
204Kb / 2P
   MK Reed Sensor
MK03-1C90B-1500W MEDER-MK03-1C90B-1500W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK03-1C90C-1000W MEDER-MK03-1C90C-1000W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK11-1A66C-200W MEDER-MK11-1A66C-200W_09 Datasheet
74Kb / 1P
   MK Reed Sensor
MK14-1A66B-200W MEDER-MK14-1A66B-200W_09 Datasheet
67Kb / 1P
   MK Reed Sensor
MK14-1A66B-500W MEDER-MK14-1A66B-500W_11 Datasheet
100Kb / 1P
   MK Reed Sensor
MK14-1A66C-2000W MEDER-MK14-1A66C-2000W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com