Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAV23A
Description  350mW Small Signal Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV23A Datasheet(HTML) 2 Page - Micro Commercial Components

  BAV23A Datasheet HTML 1Page - Micro Commercial Components BAV23A Datasheet HTML 2Page - Micro Commercial Components BAV23A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
Revision: A
2011/01/01
Typical Characteristics
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Forward Characteristics
T = 25
°C
j
1
10
100
0.1
0.01
0
100
200
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 2 Leakage Current vs Junction Temperature
BAV23/A/C/S
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - BAV23A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23A DIODES-BAV23A Datasheet
172Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
BAV23A LUGUANG-BAV23A Datasheet
1Mb / 2P
   Surface mount switching diode
logo
Diodes Incorporated
BAV23A DIODES-BAV23A Datasheet
84Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
DONGGUAN YOU FENG WEI E...
BAV23A YFWDIODE-BAV23A Datasheet
479Kb / 3P
   Switching Diodes
logo
NXP Semiconductors
BAV23A NXP-BAV23A Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
More results

Similar Description - BAV23A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV23ACS MCC-BAV23ACS_13 Datasheet
274Kb / 3P
   350mW Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT3906L TSC-MMBT3906L Datasheet
262Kb / 5P
   350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_14 Datasheet
229Kb / 5P
   350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_10 Datasheet
382Kb / 4P
   350mW, PNP Small Signal Transistor
MMBT2907A TSC-MMBT2907A_14 Datasheet
323Kb / 5P
   350mW, PNP Small Signal Transistor
MMBT2907A TSC-MMBT2907A Datasheet
316Kb / 3P
   350mW, PNP Small Signal Transistor
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com