Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F020SU-L Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH28F020SU-L
Description  2M (256K 횞 8) Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F020SU-L Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH28F020SU-L Datasheet HTML 5Page - Sharp Corporation LH28F020SU-L Datasheet HTML 6Page - Sharp Corporation LH28F020SU-L Datasheet HTML 7Page - Sharp Corporation LH28F020SU-L Datasheet HTML 8Page - Sharp Corporation LH28F020SU-L Datasheet HTML 9Page - Sharp Corporation LH28F020SU-L Datasheet HTML 10Page - Sharp Corporation LH28F020SU-L Datasheet HTML 11Page - Sharp Corporation LH28F020SU-L Datasheet HTML 12Page - Sharp Corporation LH28F020SU-L Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
2M (256K × 8) Flash Memory
LH28F020SU-L
9
Figure 5. Byte Writes with Compatible Status Register
START
BUS
OPERATION
COMMAND
COMMENTS
WRITE 40H or 10H
WRITE
DATA/ADDRESS
CSR.7 =
0
1
0
1
0
1
CSR FULL STATUS
CHECK IF DESIRED
OPERATION
COMPLETE
CLEAR CSRD
RETRY/ERROR
RECOVERY
DATA WRITE
SUCCESSFUL
VPP LOW
DETECT
READ CSRD
(see above)
CSR.4, 5 =
CSR.3 =
Write
Write
Read
Standby
Byte Write
D = 40H or 10H
A = X
D = WD
A = WA
Q = CSRD
Toggle CE or OE
to update CSRD.
A = X
Repeat for subsequent Byte Writes.
CSR Full Status Check can be done after each Byte Write,
or after a sequence of Byte Writes.
Write FFH after the last operation to reset device
to read array mode.
See Command Bus Cycle notes for description of codes.
Check CSR.7
1 = WSM Ready
0 = WSM Busy
BUS
OPERATION
COMMAND
CSR FULL STATUS CHECK PROCEDURE
COMMENTS
Standby
Standby
Check CSR.4, 5
1 = Data Write Unsuccessful
0 = Data Write Successful
Check CSR.3
1 = VPP Low Detect
0 = VPP OK
CSR.3, 4, 5 should be cleared, if set, before further attempts
are initiated.
28F020SUL15-4
READ COMPATIBLE
STATUS REGISTER


Similar Part No. - LH28F020SU-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
More results

Similar Description - LH28F020SU-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
logo
Winbond
W39L020 WINBOND-W39L020 Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
   Flash Memory 16M (1M 횞 16/2M 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com