Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCN02 Datasheet(PDF) 2 Page - Rohm

Part # RCN02
Description  Chip Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCN02 Datasheet(HTML) 2 Page - Rohm

  RCN02 Datasheet HTML 1Page - Rohm RCN02 Datasheet HTML 2Page - Rohm RCN02 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RCN02
Resistors
Rev.C
2/2
Part No. Explanation
Packaging Specifications Code
C
R
N 0
M 1
3
5003
A
M1
Part No.
Code Specification
Code
Attenuation
A3 5001
1dB
A3 5002
2dB
A3 5003
3dB
±0.3dB
±0.5dB
±0.8dB
±1.5dB
±2.0dB
±2.5dB
A3 5004
4dB
A3 5005
5dB
A5 5006
6dB
A5 5007
7dB
A5 5008
8dB
A5 5009
9dB
A5 5010
10dB
A8 5011
11dB
A8 5012
12dB
A8 5013
13dB
B5 5014
14dB
B5 5015
15dB
B5 5016
16dB
C0 5017
17dB
C0 5018
18dB
C0 5019
19dB
C5 5020
20dB
Limitation
PPE
π Circuit
Packaging specifications
Reel
10,000
Basic ordering unit (pcs)
Part No.
Attenuation, Attenuation limitation
Circuit
P
PE
2
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
φ180mm (7in.)
Paper tape (2mm Pitch)
Packaging
C
AB
D
AB
C
D
φ180
0
−1.5
φ60 +
1
0
9 +
1.0
0
φ13±0.2
P0
P2
A0
E
F
W
T2
P1
Label
Reel
Taping
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape)
Square punchout hole
Chip attenuator
Heat crimp cover / Tape
Caution : Insertion direction of device to carrier tape.
Marking is on the left bottom side of the cavity to the feeding direction.
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.17
±0.1
1.17
±0.1
φ1.5 +0.1
0
4.0
±0.1
2.0
±0.1
2.0
±0.05
Max. 0.5
Feeding direction


Similar Part No. - RCN02

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35003 ROHM-RCN02M1PPEA35003 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35004 ROHM-RCN02M1PPEA35004 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
PAT1220C3T RHOPOINT-PAT1220C3T Datasheet
279Kb / 5P
   FIXED CHIP ATTENUATORS
logo
List of Unclassifed Man...
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
   Temperature compensated chip attenuators
logo
API Technologies Corp
TCAFN05 APITECH-TCAFN05 Datasheet
2Mb / 4P
   Temperature Variable Chip Attenuators
TCAFN09 APITECH-TCAFN09 Datasheet
1Mb / 2P
   Temperature Variable Chip Attenuators
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
YAGEO Corporation
ATV321BR-071DBL YAGEO-ATV321BR-071DBL Datasheet
217Kb / 7P
   CHIP RESISTORS RF ATTENUATORS
logo
List of Unclassifed Man...
LA1 ETC2-LA1 Datasheet
72Kb / 2P
   High Power Leaded Chip Attenuators
logo
Merrimac Industries, In...
AUM-16H MERRIMAC-AUM-16H Datasheet
333Kb / 3P
   MICROWAVE ATTENUATORS
logo
SYNERGY MICROWAVE CORPO...
AT-201 SYNERGY-AT-201 Datasheet
36Kb / 1P
   ATTENUATORS//SWIITCHES
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com