Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF071M2S Datasheet(PDF) 1 Page - Rohm

Part # RF071M2S
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF071M2S Datasheet(HTML) 1 Page - Rohm

  RF071M2S Datasheet HTML 1Page - Rohm RF071M2S Datasheet HTML 2Page - Rohm RF071M2S Datasheet HTML 3Page - Rohm RF071M2S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Fast Recovery Diode
RF071M2S
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1)Small power mold type.(PMDU)
2)Ultra low VF
3)Ultra high switching speed
4)Low switching loss
Construction
Silicon epitaxial planer
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
IF
A
Io
A
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
0.79
0.85
V
IF=0.7A
IR
-
0.01
10
μAVR=200V
Reverse recovery time
trr
-12
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
(*1)Mounted on epoxy board. 180°Half sine wave
Parameter
Reverse current
Junction temperature
150
Storage temperature
55 to 150
Average rectified forward current (*1)
0.7
Forward current surge peak (60Hz・1cyc)
15
Reverse voltage (DC)
200
Forward current(DC)
1
Parameter
Limits
Reverse voltage (repetitive)
200
PMDU
1.2
ROHM : PMDU
JEDEC :SOD-123
Manufacture Date
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1/3
2011.05 - Rev.E


Similar Part No. - RF071M2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF071M2S ROHM-RF071M2S Datasheet
45Kb / 3P
   Fast recovery diode
RF071M2S ROHM-RF071M2S Datasheet
47Kb / 3P
   Fast recovery Diodes (Silicon Epitaxial Planar)
RF071M2S ROHM-RF071M2S Datasheet
142Kb / 4P
   Fast recovery Diode
RF071M2S ROHM-RF071M2S Datasheet
340Kb / 4P
   Fast Recovery Diode
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
More results

Similar Description - RF071M2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com