Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMW130N03 Datasheet(PDF) 1 Page - Rohm

Part # RMW130N03
Description  4.5V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RMW130N03 Datasheet(HTML) 1 Page - Rohm

  RMW130N03 Datasheet HTML 1Page - Rohm RMW130N03 Datasheet HTML 2Page - Rohm RMW130N03 Datasheet HTML 3Page - Rohm RMW130N03 Datasheet HTML 4Page - Rohm RMW130N03 Datasheet HTML 5Page - Rohm RMW130N03 Datasheet HTML 6Page - Rohm RMW130N03 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4.5V Drive Nch MOSFET
RMW130N03
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) High Power package(PSOP8).
2) High-speed switching,Low On-resistance.
3) Low voltage drive(4.5V drive).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TB
Basic ordering unit (pieces)
2500
RMW130N03
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
20
V
Continuous
ID
13
A
Pulsed
IDP
52
A
Continuous
IS
2.5
A
Pulsed
ISP
52
A
Power dissipation
PD
3.0
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 MOUNTED ON 40mm×40mm Cu BOARD
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
41.7
C / W
* MOUNTED ON 40mm×40mm Cu BOARD
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*2
*1
*1
*
(1) Source
(2) Source
(3) Source
(4) Gate
(5) Drain
(6) Drain
(7) Drain
(8) Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
∗2
∗1
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
PSOP8
5.0
0.4
1pin mark
(1) (2)
(3)
(4)
(8)
(7)
(6)
(5)
0.22
0.9
0~0.1
1.27
1/6
2011.03 - Rev.A


Similar Part No. - RMW130N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RMW130N03 VBSEMI-RMW130N03 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - RMW130N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RMW150N03 ROHM-RMW150N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW280N03 ROHM-RMW280N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW180N03 ROHM-RMW180N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW200N03 ROHM-RMW200N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com