Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F800SG-L Datasheet(PDF) 7 Page - Sharp Corporation

Part # LH28F800SG-L
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800SG-L Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LH28F800SG-L Datasheet HTML 3Page - Sharp Corporation LH28F800SG-L Datasheet HTML 4Page - Sharp Corporation LH28F800SG-L Datasheet HTML 5Page - Sharp Corporation LH28F800SG-L Datasheet HTML 6Page - Sharp Corporation LH28F800SG-L Datasheet HTML 7Page - Sharp Corporation LH28F800SG-L Datasheet HTML 8Page - Sharp Corporation LH28F800SG-L Datasheet HTML 9Page - Sharp Corporation LH28F800SG-L Datasheet HTML 10Page - Sharp Corporation LH28F800SG-L Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
- 7 -
LH28F800SG-L/SGH-L (FOR TSOP, CSP)
2 PRINCIPLES OF OPERATION
The LH28F800SG-L/SGH-L SmartVoltage flash
memories include an on-chip WSM to manage
block erase, word write, and lock-bit configuration
functions. It allows for : 100% TTL-level control
inputs, fixed power supplies during block erasure,
word write, and lock-bit configuration, and minimal
processor overhead with RAM-like interface timings.
After initial device power-up or return from deep
power-down mode (see Table 2 "Bus Operations"),
the
device
defaults
to
read
array
mode.
Manipulation of external memory control pins allow
array read, standby, and output disable operations.
Status register and identifier codes can be
accessed through the CUI independent of the VPP
voltage. High voltage on VPP enables successful
block
erasure,
word
writing,
and
lock-bit
configuration. All functions associated with altering
memory contents — block erase, word write, lock-
bit configuration, status, and identifier codes — are
accessed via the CUI and verified through the
status register.
Commands are written using standard micro-
processor write timings. The CUI contents serve as
input to the WSM, which controls the block erase,
word write, and lock-bit configuration. The internal
algorithms are regulated by the WSM, including
pulse repetition, internal verification, and margining
of data. Addresses and data are internally latched
during
write
cycles.
Writing
the
appropriate
command outputs array data, accesses the
identifier codes, or outputs status register data.
Interface software that initiates and polls progress
of block erase, word write, and lock-bit configuration
can be stored in any block. This code is copied to
and executed from system RAM during flash
memory updates. After successful completion,
reads are again possible via the Read Array
command. Block erase suspend allows system
software to suspend a block erase to read/write
data from/to blocks other than that which is
suspended. Word write suspend allows system
software to suspend a word write to read data from
any other flash memory array location.
2.1
Data Protection
Depending on the application, the system designer
may choose to make the VPP power supply
switchable (available only when memory block
erases, word writes, or lock-bit configurations are
required) or hardwired to VPPH1/2/3. The device
accommodates
either
design
practice
and
encourages optimization of the processor-memory
interface.
When VPP
≤ VPPLK, memory contents cannot be
altered. The CUI, with two-step block erase, word
write, or lock-bit configuration command sequences,
provides protection from unwanted operations even
when high voltage is applied to VPP. All write
functions are disabled when VCC is below the write
lockout voltage VLKO or when RP# is at VIL. The
device’s block locking capability provides additional
protection from inadvertent code or data alteration
by gating erase and word write operations.
3 BUS OPERATION
The local CPU reads and writes flash memory in-
system. All bus cycles to or from the flash memory
conform to standard microprocessor bus cycles.
3.1
Read
Information can be read from any block, identifier
codes, or status register independent of the VPP
voltage. RP# can be at either VIH or VHH.
The first task is to write the appropriate read mode
command (Read Array, Read Identifier Codes, or
Read Status Register) to the CUI. Upon initial
device power-up or after exit from deep power-
down mode, the device automatically resets to read
array mode. Five control pins dictate the data flow
in and out of the component : CE#, OE#, WE#,


Similar Part No. - LH28F800SG-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results

Similar Description - LH28F800SG-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com