Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3P0210000 Datasheet(PDF) 5 Page - C&K Components

Part # 3P0210000
Description  Miniature Pushwheel Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3P0210000 Datasheet(HTML) 5 Page - C&K Components

  3P0210000 Datasheet HTML 1Page - C&K Components 3P0210000 Datasheet HTML 2Page - C&K Components 3P0210000 Datasheet HTML 3Page - C&K Components 3P0210000 Datasheet HTML 4Page - C&K Components 3P0210000 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
M–15
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
3P Series
Miniature Pushwheel Switches
QUALITY CONTROL INSTRUCTIONS
PRODUCTION APPROVAL
DATE
C&K PART NUMBER
REV.
INITIALS
DATE
3
CATALOG PART NO.
COMPANY NAME
CUSTOMER
PRINT
REVISION:
ADDRESS
TEL.#
CUSTOMER CONTACT
DATE
ORIGINATED BY
SALES REP.
DETAILS:
Q.C. APPROVAL
DATE
Configuration Form
GRAY SHADED AREAS TO BE FILLED IN BY CUSTOMER SERVICE.
SHEET _____ OF _____
10
11
1
2
3
4
5
6
7
8
9
PUSHWHEEL
SECTIONS
DESCRIBE IN APPROPRIATE ROW
SPECIAL INSTRUCTIONS OR SPECIFICATIONS:
3 P
FUNCTION CODE – TERMINATIONS –
COLOR/MARKING/STOPS/SEAL –
ILLUMINATION
FOR SWITCHES WITH MORE THAN 11 SECTIONS, CONTINUE ON ADDITIONAL SHEETS.
ENTER OPTION CODES IN APPROPRIATE BOXES. FUNCTION
CODES INCLUDE BLANK SECTIONS (SEE PAGE M-17).
NO.
OF
SEC.
3 P
3 P
3 P
3 P
3 P
3 P
3 P
3 P
3 P
3 P
P


Similar Part No. - 3P0210000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3P0210000 ETC1-3P0210000 Datasheet
296Kb / 6P
   Miniature Pushwheel Switches
More results

Similar Description - 3P0210000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3P0210000 ETC1-3P0210000 Datasheet
296Kb / 6P
   Miniature Pushwheel Switches
logo
C&K Components
3U CK-COMPONENTS-3U Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
logo
Tyco Electronics
DPS9 MACOM-DPS9 Datasheet
140Kb / 1P
   Pushwheel Switches, Front Mount
DPS8131AK MACOM-DPS8131AK Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-5 MACOM-2-1437603-5 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
DPS8 MACOM-DPS8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-9 MACOM-2-1437603-9 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
SMCD MACOM-SMCD Datasheet
153Kb / 1P
   Pushwheel Switches, Mini, Front Mount
2-1437603-7 MACOM-2-1437603-7 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-8 MACOM-2-1437603-8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com