Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

371400000 Datasheet(PDF) 3 Page - C&K Components

Part # 371400000
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

371400000 Datasheet(HTML) 3 Page - C&K Components

  371400000 Datasheet HTML 1Page - C&K Components 371400000 Datasheet HTML 2Page - C&K Components 371400000 Datasheet HTML 3Page - C&K Components 371400000 Datasheet HTML 4Page - C&K Components 371400000 Datasheet HTML 5Page - C&K Components 371400000 Datasheet HTML 6Page - C&K Components 371400000 Datasheet HTML 7Page - C&K Components 371400000 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M
M–5
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
3 Series
Thumbwheel Switches
FUNCTION CODE
MOUNTING STYLE
Available Terminations: 0, 1, N
See fig. 1, page M-7.
Available Terminations: P
See fig. 2, page M-7.
See fig. 1, page M-7.
Available Terminations: 0, 1, N
Available Terminations: 0, 1, N
See fig. 1, page M-7.
N = Number of sections.
PANEL MOUNTING
09
SWITCH SECTION ONLY–UNASSEMBLED WITHOUT ENDPLATES OR SPACERS
(Must be ordered with number of sections option “0”, see Page M–4.)
00
SWITCH ASSEMBLY W/ ENDPLATES–.315 (8,00) SECTION PITCH
Type 0 Snap-In Front Mount
23 COMPLEMENT OF BCD 1-2-4-8;
10 POSITION
71 BINARY CODED HEXADECIMAL,
16 POSITION
31 BCD 1-2-4-8; 10 POSITION
27 BCD 1-2-4-8; 10 POSITION
NOTE: For terminal location diagram, see page M–7.
NOTE: Endplates, blank sections, spacers
and assembly hardware available separately, see pages M–8 and M–9.
(.315 x N) + .326
(8,00 x N) + (8,28)
00
DIM. ‘A’
MOUNTING
STYLE
N = Number of sections.
Recommended panel thickness:
0.46-.125
(1,16-3,18)


Similar Part No. - 371400000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37140 BELDEN-37140 Datasheet
152Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37140-010250 BELDEN-37140-010250 Datasheet
152Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37140-01050 BELDEN-37140-01050 Datasheet
152Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37140-010500 BELDEN-37140-010500 Datasheet
152Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
More results

Similar Description - 371400000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com