Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPT-34PB3F Datasheet(PDF) 1 Page - Rohm

Part # RPT-34PB3F
Description  Phototransistor, top view type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPT-34PB3F Datasheet(HTML) 1 Page - Rohm

  RPT-34PB3F Datasheet HTML 1Page - Rohm RPT-34PB3F Datasheet HTML 2Page - Rohm RPT-34PB3F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.A
Phototransistor, top view type
RPT-34PB3F
The RPT-34PB3F is a silicon planar phototransistor.
It is particularly suited for use with a ROHM SIR-34ST3F infrared light emitting diode.
Applications
Dimensions (Units : mm)
Optical control equipment
Features
High sensitivity.
Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
IC
VCEO
PC
VECO
Topr
Tstg
Limits
−25~+85
−30~+85
32
5
30
150
Unit
V
V
mA
mW
°C
°C
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature
Electrical and optical characteristics (Ta = 25
C)
Parameter
Symbol
IC
ICEO
λP
VCE(sat)
θ1 / 2
tr·tf
Min.
2.0
Typ.
800
±36
10
Max.
0.5
0.4
Unit
mA
VCE
=5V, E=500LX
VCE
=10V(Black box)
IC
=1mA, E=500LX
VCC
=5V, IC=1mA, RL=100Ω
μA
nm
V
deg
μs
Conditions
Light current
Dark current
Peak sensitivity wavelength
Collector-emitter saturation voltage
Half-angle
Response time
2
−0.6
2
−0.5
(2.5)
φ3.1±0.2
φ3.8±0.3
φ3.5
Emitter
Collector
1
1
2
2
Internal connection diagram
Notes :
1. Unspecfied tolerance
shall be
±0.2.
2. Dimension in parenthesis
are show for reference.


Similar Part No. - RPT-34PB3F

ManufacturerPart #DatasheetDescription
logo
Rohm
RPT-34PB3F ROHM-RPT-34PB3F Datasheet
61Kb / 3P
   Phototransistor, top view type
More results

Similar Description - RPT-34PB3F

ManufacturerPart #DatasheetDescription
logo
Rohm
RPT-38PB3F ROHM-RPT-38PB3F_10 Datasheet
141Kb / 3P
   Phototransistor, top view type
RPT-34PB3F ROHM-RPT-34PB3F Datasheet
61Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F Datasheet
60Kb / 3P
   Phototransistor, top view type
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F_10 Datasheet
136Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F Datasheet
70Kb / 2P
   Phototransistor, top view type
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
   Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB Datasheet
62Kb / 3P
   Phototransistor, side view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com