Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ1E070RP Datasheet(PDF) 5 Page - Rohm

Part # RQ1E070RP
Description  4V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E070RP Datasheet(HTML) 5 Page - Rohm

  RQ1E070RP Datasheet HTML 1Page - Rohm RQ1E070RP Datasheet HTML 2Page - Rohm RQ1E070RP Datasheet HTML 3Page - Rohm RQ1E070RP Datasheet HTML 4Page - Rohm RQ1E070RP Datasheet HTML 5Page - Rohm RQ1E070RP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RQ1E070RP
 
Measurement circuits
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Fig.1-1 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-1 Gate charge measurement circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
5/5
2010.07- Rev.A


Similar Part No. - RQ1E070RP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RP ROHM-RQ1E070RP Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
RQ1E070RPFRA ROHM-RQ1E070RPFRA Datasheet
797Kb / 14P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
RQ1E070RPTR ROHM-RQ1E070RPTR Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
More results

Similar Description - RQ1E070RP

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com