Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ1E100XN Datasheet(PDF) 4 Page - Rohm

Part # RQ1E100XN
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E100XN Datasheet(HTML) 4 Page - Rohm

  RQ1E100XN Datasheet HTML 1Page - Rohm RQ1E100XN Datasheet HTML 2Page - Rohm RQ1E100XN Datasheet HTML 3Page - Rohm RQ1E100XN Datasheet HTML 4Page - Rohm RQ1E100XN Datasheet HTML 5Page - Rohm RQ1E100XN Datasheet HTML 6Page - Rohm RQ1E100XN Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RQ1E100XN
 
1
10
100
0.1
1
10
100
V
GS= 4.0V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
DRAIN-CURRENT : I
D[A]
0.1
1
10
100
0.01
0.1
1
10
100
V
DS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : I
D[A]
0.01
0.1
1
10
100
0
0.5
1
1.5
V
GS=0V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE : V
SD [V]
0
10
20
30
40
50
0
2
4
6
8
10
I
D= 10.0A
I
D= 5.0A
Ta=25
°C
Pulsed
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE : V
GS[V]
1
10
100
1000
10000
0.01
0.1
1
10
100
t
f
t
d(on)
t
d(off)
Ta=25
°C
V
DD=15V
V
GS=10V
R
G=10Ω
Pulsed
t
r
Fig.11 Switching Characteristics
DRAIN-CURRENT : I
D[A]
0
2
4
6
8
10
0
5
10
15
20
25
Ta=25
°C
V
DD= 15V
I
D= 10A
R
G=10Ω
Pulsed
Fig.12 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
4/6
2011.04 - Rev.A


Similar Part No. - RQ1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E050RP ROHM-RQ1E050RP Datasheet
394Kb / 6P
   4V Drive Pch MOSFET
RQ1E050RPFRA ROHM-RQ1E050RPFRA Datasheet
1Mb / 14P
   Middle Power MOSFET
RQ1E050RPHZG ROHM-RQ1E050RPHZG Datasheet
2Mb / 15P
   Pch -30V -5A Small Signal MOSFET
RQ1E070RP ROHM-RQ1E070RP Datasheet
351Kb / 6P
   4V Drive Pch MOSFET
RQ1E070RP ROHM-RQ1E070RP Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
More results

Similar Description - RQ1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com