Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ1E100XN Datasheet(PDF) 6 Page - Rohm

Part # RQ1E100XN
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E100XN Datasheet(HTML) 6 Page - Rohm

  RQ1E100XN Datasheet HTML 1Page - Rohm RQ1E100XN Datasheet HTML 2Page - Rohm RQ1E100XN Datasheet HTML 3Page - Rohm RQ1E100XN Datasheet HTML 4Page - Rohm RQ1E100XN Datasheet HTML 5Page - Rohm RQ1E100XN Datasheet HTML 6Page - Rohm RQ1E100XN Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RQ1E100XN
 
Measurement circuits
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
VG
VGS
Charge
Qg
Qgs
Qgd
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
6/6
2011.04 - Rev.A


Similar Part No. - RQ1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E050RP ROHM-RQ1E050RP Datasheet
394Kb / 6P
   4V Drive Pch MOSFET
RQ1E050RPFRA ROHM-RQ1E050RPFRA Datasheet
1Mb / 14P
   Middle Power MOSFET
RQ1E050RPHZG ROHM-RQ1E050RPHZG Datasheet
2Mb / 15P
   Pch -30V -5A Small Signal MOSFET
RQ1E070RP ROHM-RQ1E070RP Datasheet
351Kb / 6P
   4V Drive Pch MOSFET
RQ1E070RP ROHM-RQ1E070RP Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
More results

Similar Description - RQ1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com