Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164A Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH5164A
Description  CMOS 64K (8K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164A Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH5164A Datasheet HTML 3Page - Sharp Corporation LH5164A Datasheet HTML 4Page - Sharp Corporation LH5164A Datasheet HTML 5Page - Sharp Corporation LH5164A Datasheet HTML 6Page - Sharp Corporation LH5164A Datasheet HTML 7Page - Sharp Corporation LH5164A Datasheet HTML 8Page - Sharp Corporation LH5164A Datasheet HTML 9Page - Sharp Corporation LH5164A Datasheet HTML 10Page - Sharp Corporation LH5164A Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DATA VALID
tDH
tDW
WE
DIN
(NOTE 7)
tCW
A0 - A12
tWC
5164A-5
tWR
tCW
tAW
CE1
CE2
tAS
tWZ
tWP
(NOTE 2)
(NOTE 4)
tWR
(NOTE 3)
DOUT
(NOTE 5)
(NOTE 1)
tWR
HIGH-Z
tOW
(NOTE 6)
OE = 'LOW'
1. The writing occurs during an overlapping period of CE1 = 'LOW,' CE2 = 'HIGH,' and WE = 'LOW' (tWP).
2. tCW is defined as the time from the last occuring transition, either CE1 LOW transition or CE2 HIGH transition,
to the time when the writing is finished.
3. tAS is defined as the time from address change to writing start.
4. tWR is defined as the time from writing finish to address change.
5. If CE1 LOW transition or CE2 HIGH transition occurs at the same time or after WE LOW transition, the
outputs will remain high-impedance.
6. If CE1 HIGH transition or CE2 LOW transition occurs at the same time or before WE HIGH transition, the
outputs will remain high-impedance.
7. While I/O pins are in the output state, input signals with the opposite logic level must not be applied.
NOTES:
Figure 7. Write Cycle 2
LH5164A/AH
CMOS 64K (8K
× 8) Static RAM
8


Similar Part No. - LH5164A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
   64K Static RAM
LH5164AH SHARP-LH5164AH Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results

Similar Description - LH5164A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
   64K (8K x 8) CMOS SLOW STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com