Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC328-16 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC328-16
Description  PNP Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC328-16 Datasheet(HTML) 1 Page - Micro Commercial Components

  BC328-16 Datasheet HTML 1Page - Micro Commercial Components BC328-16 Datasheet HTML 2Page - Micro Commercial Components BC328-16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
Operating temperature : -55
to +150
Storage temperature : -55
to +150
BC327-16/25/40
PNP
Plastic-Encapsulate
Transistors
Features
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-10mAdc, IB=0)
BC327
BC328
-45
-25
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100µAdc, IE=0)
BC327
BC328
-50
-30
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10µAdc, IC=0)
-5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-45Vdc,IE=0)
BC327
(VCB=-25Vdc,IE=0)
BC328
---
---
-0.1
-0.1
µAdc
ICEO
Collector Cutoff Current
(VCE=-40Vdc,IB=0)
BC327
(VCE=-20Vdc,IB=0)
BC328
---
---
-0.2
-0.2
µAdc
IEBO
Emitter Cutoff Current
(VEB=-4.0Vdc, IC=0)
---
-0.1
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=-100mAdc, VCE=-1.0Vdc)
100
630
---
hFE(2)
DC Current Gain
(IC=-300mAdc, VCE=-1.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mAdc, IB=-50mAdc)
---
-0.7
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-500mAdc,IB=-50mAdc)
---
-1.2
Vdc
SMALL SIGNAL CHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=5.0V, f=100MHz, IC=10mA)
260
---
MHz
TO-92
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
hFE CLASSIFICATION
Classification
16
25
40
hFE(1)
100~250
160~400
250~630
Marking Code
A 011
B 0
11
C 0
11
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
BC328-16/25/40
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Capable of 0.625Watts of Power Dissipation.
Collector-current : -0.8A
Collector-base Voltage :VCBO=-50V(BC327) , VCBO=-30V(BC328)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Revision: A
2011/01/01
C
B
E


Similar Part No. - BC328-16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC328-16 MOTOROLA-BC328-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
Siemens Semiconductor G...
BC328-16 SIEMENS-BC328-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC328-16 DIOTEC-BC328-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Micro Commercial Compon...
BC328-16 MCC-BC328-16 Datasheet
341Kb / 3P
   PNP Plastic-Encapsulate Transistors
BC328-16 MCC-BC328-16 Datasheet
423Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Similar Description - BC328-16

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51A MCC-MPSW51A Datasheet
374Kb / 3P
   PNP Plastic-Encapsulate Transistors
MCP718 MCC-MCP718 Datasheet
595Kb / 5P
   PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
   PNP Plastic-Encapsulate Transistors
KTA1270-O MCC-KTA1270-O Datasheet
323Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
   PNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com