Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSD050N06 Datasheet(PDF) 3 Page - Rohm

Part # RSD050N06
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD050N06 Datasheet(HTML) 3 Page - Rohm

  RSD050N06 Datasheet HTML 1Page - Rohm RSD050N06 Datasheet HTML 2Page - Rohm RSD050N06 Datasheet HTML 3Page - Rohm RSD050N06 Datasheet HTML 4Page - Rohm RSD050N06 Datasheet HTML 5Page - Rohm RSD050N06 Datasheet HTML 6Page - Rohm RSD050N06 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD050N06
 
Electrical characteristic curves (Ta=25
C)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
0.2
0.4
0.6
0.8
1
Drain-Source Voltage : V
DS [V]
Fig.1 Typical Output Characteristics (Ⅰ)
T
a=25°C
pulsed
V
GS=10.0V
V
GS=4.0V
V
GS=4.5V
V
GS=3.0V
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
2
4
6
8
10
Drain-Source Voltage : V
DS [V]
Fig.2 Typical Output Characteristics (Ⅱ)
V
GS=10.0V
V
GS=4.0V
V
GS=4.5V
V
GS=3.5V
V
GS=3.0V
T
a=25°C
pulsed
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
Fig.3 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4.0V
V
GS=4.5V
V
GS=10V
T
a=25°C
pulsed
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
Fig.4 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
Fig.5 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4.5V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
Fig.6 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4.0V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
3/6
2011.02 - Rev.A


Similar Part No. - RSD050N06

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD050N06 ROHM-RSD050N06 Datasheet
338Kb / 6P
   4V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RSD050N06 VBSEMI-RSD050N06 Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RSD050N06 DOINGTER-RSD050N06 Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Rohm
RSD050N06FRA ROHM-RSD050N06FRA Datasheet
1Mb / 10P
   4V Drive Nch MOSFET
RSD050N06TL ROHM-RSD050N06TL Datasheet
338Kb / 6P
   4V Drive Nch MOSFET
More results

Similar Description - RSD050N06

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com