Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8631CGE2 Datasheet(PDF) 3 Page - C&K Components

Part # 8631CGE2
Description  Microminiature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8631CGE2 Datasheet(HTML) 3 Page - C&K Components

  8631CGE2 Datasheet HTML 1Page - C&K Components 8631CGE2 Datasheet HTML 2Page - C&K Components 8631CGE2 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A-73
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
8600 Series
Microminiature Pushbutton Switches
CONTACT MATERIAL
SEAL
PLUNGER COLOR
AVAILABLE HARDWARE
.187
(4,75)
.081
(2,03)
.245 DIA.
(6,22 )
NOTE: Other cap colors available, consult Customer Service Center.
E
EPOXY SEAL
D
NO EPOXY SEAL
Not available on 8631, 8632 models.
Standard on 8633 model only.
Not available on 8633 model.
Standard on 8631, 8632 models.
Cap
PART NO.
785101000
WHITE
785102000
BLACK
785103000
RED
Material: Nylon
Finish: Gloss
2
BLACK
3
RED
COLOR
OPTION
CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 CONTACTS: Coin silver, with gold plate over nickel plate.
3 TERMINALS: Copper alloy, with gold plate over nickel plate.
8633 model only: Coin silver, with gold plate over nickel plate.
4 CONTACTS: Coin silver, silver plated.
5 TERMINALS: Copper alloy, silver plated. 8633 model only: coin silver.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
8631, 8632 models
with all options when ordered with G or Q contact material.
Q contact material standard with C, Z terminations.
OPTION
CODE
B
Q
G
CONTACT
MATERIAL
GOLD 1
SILVER 4
GOLD OVER
SILVER 4
GOLD 1
SILVER 5
GOLD 3
LOW LEVEL/
DRY CIRCUIT
POWER
YES
YES
YES
YES
YES
YES
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
8631, 8632 MODELS: 500 mA @ 120 V AC OR 28 V DC;
250 mA @ 250 V AC. 8633 MODELS: 250 mA @ 120 V AC OR
28 V DC; 125 mA @ 250 V AC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR 8631, 8632 MODELS:
500 mA @ 120 V AC OR 28 V DC; 250 mA @ 250 V AC. 8633
MODELS: 250 mA @ 120 V AC OR 28 V DC; 125 mA @ 250 V AC.
TERMINAL
PLATING
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *


Similar Part No. - 8631CGE2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8631CGE2 ITT-8631CGE2 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
More results

Similar Description - 8631CGE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com