Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH521028A Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH521028A
Description  CMOS 64K x 18 Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH521028A Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH521028A Datasheet HTML 5Page - Sharp Corporation LH521028A Datasheet HTML 6Page - Sharp Corporation LH521028A Datasheet HTML 7Page - Sharp Corporation LH521028A Datasheet HTML 8Page - Sharp Corporation LH521028A Datasheet HTML 9Page - Sharp Corporation LH521028A Datasheet HTML 10Page - Sharp Corporation LH521028A Datasheet HTML 11Page - Sharp Corporation LH521028A Datasheet HTML 12Page - Sharp Corporation LH521028A Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TIMING DIAGRAMS – READ CYCLE (cont’d)
Read Cycle No. 3
(Latched Address Controlled Read)
Chip is in Read Mode: W is HIGH, E, SH, SL and G are
LOW. Both tAA and tLEA must be met before valid data is
available. If the address is valid prior to the rising edge of
ALE, then the access time is tLEA. If the address is valid
after ALE is HIGH (or if ALE is tied HIGH) then the access
time is tAA. Crosshatched portion of Data Out implies that
data lines are in the Low-Z state but the data is not
guaranteed to be valid until tAA.
ADDRESS
DQ
tASL
521028-4
E, SH, SL
VALID ADDRESS
PREVIOUS DATA
VALID DATA
tLHM
tAA
tLEA
tAHL
tLH
ALE
Figure 6.
Read Cycle No. 3
CMOS 64K
×× 18 Static RAM
LH521028A
9


Similar Part No. - LH521028A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
   CMOS 64K x 18 Static RAM
More results

Similar Description - LH521028A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
   CMOS 64K x 18 Static RAM
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com