Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5268A Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH5268A
Description  CMOS 64K (8K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5268A Datasheet(HTML) 3 Page - Sharp Corporation

  LH5268A Datasheet HTML 1Page - Sharp Corporation LH5268A Datasheet HTML 2Page - Sharp Corporation LH5268A Datasheet HTML 3Page - Sharp Corporation LH5268A Datasheet HTML 4Page - Sharp Corporation LH5268A Datasheet HTML 5Page - Sharp Corporation LH5268A Datasheet HTML 6Page - Sharp Corporation LH5268A Datasheet HTML 7Page - Sharp Corporation LH5268A Datasheet HTML 8Page - Sharp Corporation LH5268A Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TRUTH TABLE
CE1
CE2
WE
OE
MODE
I/O1 - I/O8
SUPPLY CURRENT
NOTE
H
X
X
X
Deselect
High-Z
Standby (ISB)1
X
L
X
X
Deselect
High-Z
Standby (ISB)1
L
H
L
X
Write
DIN
Operating (ICC)1
L
H
H
L
Read
DOUT
Operating (ICC)
L
H
H
H
Output disable
High-Z
Operating (ICC)
NOTE:
1.
X = H or L
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
VCC
-0.3 to +7.0
V
1
Input voltage
VIN
-0.3 to VCC + 0.3
V
1,2
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
-65 to +150
°C
NOTES:
1.
The maximum applicable voltage on any pin with respect to GND.
2.
VIN (MIN.) = -3.0 V for pulse width ≤50 ns.
RECOMMENDED OPERATING CONDITIONS (TA = 0 to +70°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.3
V
VIL
-0.3
0.8
V
1
NOTE:
1.
VIN (MIN.) = -3.0 V for pulse width ≤50 ns.
DC CHARACTERISTICS (TA = 0 to +70°C, VCC = 5 V ±10%)
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
NOTE
Input leakage
current
ILI
VIN = 0 to VCC
-1
1
µA
Output leakage
current
ILO
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = 0 V to VCC
-1
1
µA
Operating current
ICC
CE1 = VIL, VIN = VIL or VIH
CE2 = VIH, II/O = 0 mA
tCYCLE =
100 ns
40
mA
CE1 = 0.2 V, VIN = 0.2 V or
VCC - 0.2 V
CE2 = VCC - 0.2 V, II/O = 0 mA
tCYCLE =
1.0
µs
10
Standby current
ISB1
CE1 = VIH or CE2 = VIL
3mA
ISB
CE2
≤ 0.2 V or
CE1
≥ VCC - 0.2 V
40
µA
1
Output voltage
VOL
IOL = 2.1 mA
0.4
V
VOH
IOH = -1
.0 mA
2.4
V
NOTE:
1.
CE2 should be ≥ VCC - 0.2 V or ≤ 0.2 V when CE1 ≥ VCC - 0.2 V.
CMOS 64K (8K
× 8) Static RAM
LH5268A
3


Similar Part No. - LH5268A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LH52640-PF LIGITEK-LH52640-PF Datasheet
132Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LH5268A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
   64K (8K x 8) CMOS SLOW STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com