Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUE002N05 Datasheet(PDF) 2 Page - Rohm

Part # RUE002N05
Description  1.2V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUE002N05 Datasheet(HTML) 2 Page - Rohm

  RUE002N05 Datasheet HTML 1Page - Rohm RUE002N05 Datasheet HTML 2Page - Rohm RUE002N05 Datasheet HTML 3Page - Rohm RUE002N05 Datasheet HTML 4Page - Rohm RUE002N05 Datasheet HTML 5Page - Rohm RUE002N05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
RUE002N05
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=8V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
50
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=50V, VGS=0V
Gate threshold voltage
VGS (th)
0.3
-
1.0
V
VDS=10V, ID=1mA
-1.6
2.2
ID=200mA, VGS=4.5V
-1.7
2.4
ID=200mA, VGS=2.5V
-1.9
2.7
ID=100mA, VGS=1.8V
-2.0
4.0
ID=40mA, VGS=1.5V
-2.4
7.2
ID=20mA, VGS=1.2V
Forward transfer admittance
l Yfs l
0.4
-
-
S
ID=200mA, VDS=10V
Input capacitance
Ciss
-25
-
pF
VDS=10V
Output capacitance
Coss
-6
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-3
-
pF
f=1MHz
Turn-on delay time
td(on)
-4
-
ns
ID=100mA, VDD 30V
Rise time
tr
-6
-
ns
VGS=4.5V
Turn-off delay time
td(off)
-15
-
ns
RL=300
Fall time
tf
-55
-
ns
RG=10
*Pulsed
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VSD
--
1.2
V
Is=200mA, VGS=0V
*Pulsed
Conditions
Parameter
*


Similar Part No. - RUE002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
More results

Similar Description - RUE002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K33 ROHM-EM6K33 Datasheet
198Kb / 6P
   1.2V Drive Nch Nch MOSFET
VT6K1 ROHM-VT6K1 Datasheet
1Mb / 6P
   1.2V Drive Nch Nch MOSFET
EM6K7 ROHM-EM6K7 Datasheet
223Kb / 5P
   1.2V Drive NchNch MOSFET
UM6K33N ROHM-UM6K33N_10 Datasheet
193Kb / 6P
   1.2V Drive Nch Nch MOSFET
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUC002N05 ROHM-RUC002N05 Datasheet
205Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUM002N05 ROHM-RUM002N05 Datasheet
178Kb / 6P
   1.2V Drive Nch MOSFET
RUU002N05_1006 ROHM-RUU002N05_1006 Datasheet
209Kb / 6P
   1.2V Drive Nch MOSFET
RUB002N02 ROHM-RUB002N02 Datasheet
1Mb / 7P
   1.2V Drive Nch MOSFET
RU1C002UN ROHM-RU1C002UN Datasheet
964Kb / 6P
   1.2V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com