Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXH070N03 Datasheet(PDF) 3 Page - Rohm

Part # RXH070N03
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RXH070N03 Datasheet(HTML) 3 Page - Rohm

  RXH070N03 Datasheet HTML 1Page - Rohm RXH070N03 Datasheet HTML 2Page - Rohm RXH070N03 Datasheet HTML 3Page - Rohm RXH070N03 Datasheet HTML 4Page - Rohm RXH070N03 Datasheet HTML 5Page - Rohm RXH070N03 Datasheet HTML 6Page - Rohm RXH070N03 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RXH070N03
 
Electrical characteristic curves (Ta=25
C)
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
V
GS= 2.5V
V
GS= 10V
V
GS= 4.5V
V
GS= 4.0V
V
GS= 2.8V
Ta=25
°C
Pulsed
Fig.1 Typical Output Characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0
1
2
3
4
5
6
7
0
2
4
6
8
10
V
GS= 10V
V
GS= 4.5V
V
GS= 4.0V
V
GS= 2.5V
V
GS= 2.8V
Ta=25
°C
Pulsed
Fig.2 Typical Output Characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.001
0.01
0.1
1
10
0
1
2
3
V
DS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : V
GS[V]
1
10
100
0.1
1
10
V
GS= 4.0V
V
GS= 4.5V
V
GS= 10V
Ta=25
°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT : I
D[A]
1
10
100
0.1
1
10
V
GS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT : I
D[A]
1
10
100
0.1
1
10
V
GS= 4.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT : I
D[A]
3/6
2011.05 - Rev.A


Similar Part No. - RXH070N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RXH090N03 ROHM-RXH090N03 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RXH090N03 DOINGTER-RXH090N03 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
RXH090N03TB VBSEMI-RXH090N03TB Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - RXH070N03

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com