Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXQ040N03 Datasheet(PDF) 4 Page - Rohm

Part # RXQ040N03
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RXQ040N03 Datasheet(HTML) 4 Page - Rohm

  RXQ040N03 Datasheet HTML 1Page - Rohm RXQ040N03 Datasheet HTML 2Page - Rohm RXQ040N03 Datasheet HTML 3Page - Rohm RXQ040N03 Datasheet HTML 4Page - Rohm RXQ040N03 Datasheet HTML 5Page - Rohm RXQ040N03 Datasheet HTML 6Page - Rohm RXQ040N03 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RXQ040N03
 
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.7 Forward Transfer Admittance vs. Drain Current
V
DS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : V
GS [V]
Fig.8 Typical Transfer Characteristics
V
DS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
Source-Drain Voltage : V
SD [V]
Fig.9 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0
20
40
60
80
100
0
2
4
6
8
10
Gate-Source Voltage : V
GS [V]
Fig.10 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
I
D=4.0A
I
D=2.0A
T
a=25°C
Pulsed
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
Fig.11 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD≒15V
V
GS=10V
R
G=10Ω
T
a=25°C
Pulsed
0
2
4
6
8
10
0
2
4
6
8
10
Total Gate Charge : Q
g [nC]
Fig.12 Dynamic Input Characteristics
T
a=25°C
V
DD=15V
I
D=4.0A
Pulsed
4/6
2011.05 - Rev.A


Similar Part No. - RXQ040N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RXQ040N03 VBSEMI-RXQ040N03 Datasheet
487Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RXQ040N03

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com