Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPA02B Datasheet(PDF) 3 Page - C&K Components

Part # BPA02B
Description  Side Actuated DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BPA02B Datasheet(HTML) 3 Page - C&K Components

  BPA02B Datasheet HTML 1Page - C&K Components BPA02B Datasheet HTML 2Page - C&K Components BPA02B Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H
H–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Tape & Reel Packaging – Surface Mount Options Only
POLES
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
DIM. ‘D’
DIM. ‘E’
1
.453 (11,5)
––
.945 (24,0)
.530 (13,45)
.960 (24,4)
2
.453 (11,5)
––
.945 (24,0)
.311 (7,9)
.960 (24,4)
3
.453 (11,5)
––
.945 (24,0)
.409 (10,4)
.960 (24,4)
4
.453 (11,5)
––
.945 (24,0)
.508 (12,9)
.960 (24,4)
5
.453 (11,5)
––
.945 (24,0)
.606 (15,4)
.960 (24,4)
6
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.709 (18,0)
1.275 (32,4)
7
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.807 (20,5)
1.275 (32,4)
8
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
.894 (22,7)
1.748 (44,4)
9
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.004 (25,5)
1.748 (44,4)
10
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.106 (28,1)
1.748 (44,4)
Note: For tape and reel packaging, add ‘R’ to end of part number.
SEE
DETAIL A
DIM. 'A'
DIM. 'C'
3x
1200
400
ø7.48
ø(190,0)
ø.512
ø(13,0)
ø.827
ø(21,0)
13.0
(330)
3.937
(100,0)
DIM. 'E'
2 x .079 (2P-7P)
(2 x 2.0)
2 x .118 (8P-10P)
(2 x 3.0)
.079
(2,00)
.079
(2,00)
.079
(2,00)
.069
(1,75)
0.020
(0,5)
.157
(4,00)
.450
(11,5)
.630
(16,0)
.315
(8,00)
30
MAX.
30 MAX.
DIM 'D'
Ø.012
(0,30)
MAX.
Ø.059
(1,50)
Ø.012
(0,30)
MAX.
Ø.012
(0,30)
MAX.
.630
(16,0)
0.020
(0,5)
30
MAX.
DIM 'D'
DIM. 'A'
.079
(2,00)
.069
(1,75)
.157
(4,00)
Ø.059
(1,50)
DIM. 'B'
DIM. 'C'
.450
(11,5)
.315
(8,00)
30 MAX.
FEED DIRECTION
FEED DIRECTION
Ø.012
(0,30)
MAX.
0.079
(2,00)
0.157
(4,0)
0.069
(1,75)
DIM 'A'
30
DIM 'D'
0.360
0.098
(2,5)
0.315
(8,0)
30 MAX
Ø 0.059
(Ø 1,50)
MAX
0.209
(5,3)
FEED DIRECTION
DIM 'C'
1000
500
500
500
500
500
500
500
500
500
QTY/
REEL
fix-mjc
MARKING LABEL ON
END OF TUBE
19.68 ± 0.04
(500,0 ± 1,0)
0.512
(13,0)
0.512
(13,0)
0.079
(2,0)
0.020
(0,5)
0.197
(5,0)
0.433
(11,0)
0.177
(4,5)
0.256
(6,5)
0.276 ± .008
(7,0 ± 0,2)
0.071
(1,8)
0.079 REF.
(2,0)
0.020 MAX.
(0,5) TYP
Tube Packaging
BPA Series
Side Actuated DIP Switches
1 Position
2, 3, 4 & 5 Positions
6, 7, 8, 9 & 10 Positions


Similar Part No. - BPA02B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
   Side Actuated DIP Switches
More results

Similar Description - BPA02B

ManufacturerPart #DatasheetDescription
logo
C&K Components
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
   Side Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
   Side Actuated DIP Switches
2019
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
   Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
   Side Actuated DIP Switch
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
   Side Actuated DIP Switcehs
logo
C&K Components
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
   Side Actuated Detect Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com