Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA109AP-11-2 Datasheet(PDF) 1 Page - ORION FANS

Part # OA109AP-11-2
Description  AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA109AP-11-2 Datasheet(HTML) 1 Page - ORION FANS

  OA109AP-11-2 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
10
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA109 Series
AC Fan - 115V, 230V, Dual Voltage
120x38mm (4.7”x 1.5”)
Frame
Diecast Aluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Dual Voltage
Fans can be configured to
run on 115V or 230V.
Connection via 4x leads
Impeller
PBT, UL94V-O plastic
Connection
2x 300mm Lead wires
(22AWG) or
terminals
Motor
AC shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts AC Voltage Range Watts
Max. Static
Pressure (“H2O)
OA109AP-11-1*
3000
110
42
115
80~130
15
.28
OA109AP-11-2*
2300
71
35
115
80~130
11
.24
OA109AP-11-3*
1600
51
25
115
80~130
8
.15
OA109AP-22-1*
3000
110
42
230
160~260
15
.28
OA109AP-22-2*
2300
71
30
230
160~260
11
.24
OA109AP-22-3*
1600
51
25
230
160~260
8
.15
OA109AP-11/22-1WB
3000
110
42
115/230
80~260
15
.28
OA109AP-11/22-2WB
2300
71
35
115/230
80~260
11
.24
OA109AP-11/22-3WB
1600
51
25
115/230
80~260
8
.15
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
** Indicate “B” (Ball Bearing) or “S” (Sleeve Bearing)
m0


Similar Part No. - OA109AP-11-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11-2 ORIONFANS-OA109AP-11-2 Datasheet
370Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AP-11-2-1855 ORIONFANS-OA109AP-11-2-1855 Datasheet
283Kb / 1P
   AC Fan
OA109AP-11-21855 ORIONFANS-OA109AP-11-21855 Datasheet
240Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AP-11-2R ORIONFANS-OA109AP-11-2R Datasheet
120Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109AP-11-2R ORIONFANS-OA109AP-11-2R Datasheet
470Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA109AP-11-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109XC ORIONFANS-OA109XC_16 Datasheet
449Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109-METAL ORIONFANS-OA109-METAL Datasheet
240Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC Datasheet
113Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715_16 Datasheet
390Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109_16 Datasheet
370Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AIOS ORIONFANS-OA109AIOS Datasheet
470Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109AP-11-1R ORIONFANS-OA109AP-11-1R Datasheet
120Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109AP-TEMPCONTROL ORIONFANS-OA109AP-TEMPCONTROL Datasheet
204Kb / 1P
   AC Smart Fan 120x38mm (4.7?쓝 1.5??
OD1238-60HB ORIONFANS-OD1238-60HB Datasheet
210Kb / 2P
   DC Fan - 60VDC 120x38mm (4.7?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com