Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RYC002N05 Datasheet(PDF) 3 Page - Rohm

Part # RYC002N05
Description  0.9V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RYC002N05 Datasheet(HTML) 3 Page - Rohm

  RYC002N05 Datasheet HTML 1Page - Rohm RYC002N05 Datasheet HTML 2Page - Rohm RYC002N05 Datasheet HTML 3Page - Rohm RYC002N05 Datasheet HTML 4Page - Rohm RYC002N05 Datasheet HTML 5Page - Rohm RYC002N05 Datasheet HTML 6Page - Rohm RYC002N05 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RYC002N05
 
Electrical characteristic curves (Ta=25
C)
0
0.05
0.1
0.15
0.2
0
0.2
0.4
0.6
0.8
1
V
GS= 4.5V
V
GS= 2.5V
V
GS= 1.5V
V
GS= 1.2V
V
GS= 0.9V
V
GS= 0.8V
V
GS= 0.7V
Ta=25
°C
Pulsed
Fig.1 Typical Output Characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0
0.05
0.1
0.15
0.2
0
2
4
6
8
10
V
GS= 0.7V
V
GS= 0.9V
V
GS= 4.5V
V
GS= 2.5V
V
GS= 1.5V
V
GS= 1.2V
V
GS= 0.8V
Ta=25
°C
Pulsed
Fig.2 Typical Output Characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
V
DS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : V
GS[V]
100
1000
10000
0.001
0.01
0.1
1
V
GS= 0.9V
V
GS= 1.2V
V
GS= 1.5V
V
GS= 2.5V
V
GS= 4.5V
.
Ta=25
°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT : I
D[A]
100
1000
10000
0.001
0.01
0.1
1
V
GS= 4.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT : I
D[A]
100
1000
10000
0.001
0.01
0.1
1
V
GS= 2.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT : I
D[A]
3/6
2011.03 - Rev.A


Similar Part No. - RYC002N05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
More results

Similar Description - RYC002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K34 ROHM-EM6K34 Datasheet
292Kb / 6P
   0.9V Drive Nch Nch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
RYB002N05 ROHM-RYB002N05 Datasheet
350Kb / 6P
   0.9V Drive Nch MOSFET
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
logo
Rohm
RYE002N05 ROHM-RYE002N05 Datasheet
309Kb / 6P
   0.9V Drive Nch MOSFET
RYM002N05 ROHM-RYM002N05 Datasheet
322Kb / 6P
   0.9V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com