Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5316P00B Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH5316P00B
Description  CMOS 16M (2M x 8/1M x 16) MROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5316P00B Datasheet(HTML) 1 Page - Sharp Corporation

  LH5316P00B Datasheet HTML 1Page - Sharp Corporation LH5316P00B Datasheet HTML 2Page - Sharp Corporation LH5316P00B Datasheet HTML 3Page - Sharp Corporation LH5316P00B Datasheet HTML 4Page - Sharp Corporation LH5316P00B Datasheet HTML 5Page - Sharp Corporation LH5316P00B Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LH5316P00B
CMOS 16M (2M
× 8/1M × 16) MROM
FEATURES
•• 2,097,152 × 8 bit organization
(Byte mode: BYTE = VIL)
1,048,576
× 16 bit organization
(Word mode: BYTE = VIH)
•• Access time: 120 ns (MAX.)
•• Supply current:
– Operating: 70 mA (MAX.)
– Standby: 100
µA (MAX.)
•• TTL compatible I/O
•• Three-state output
•• Single +5 V power supply
•• Static operation
•• Package:
44-pin, 600-mil SOP
•• Item related with COCOM regulation:
– Non programmable
– Not designed or rated as radiation
hardened
– CMOS process (P type silicon
substrate)
DESCRIPTION
The LH5316P00B is a 16M-bit mask-programmable
ROM organized as 2,097,152
× 8 bits (Byte mode) or
1,048,576
× 16 bits (Word mode) that can be selected
by a BYTE input pin. It is fabricated using silicon-gate
CMOS process technology.
PIN CONNECTIONS
5316P00B-1
TOP VIEW
5
6
7
8
11
12
34
33
32
31
30
29
26
9
10
28
27
A15
A16
BYTE
13
14
15
36
35
A13
16
25
D15/A-1 (NOTE)
D13
D5
D6
A14
44-PIN SOP
3
4
38
37
1
2
40
39
A10
D14
D7
24
23
VCC
D4
D12
17
18
19
20
A9
A11
A12
41
A8
A19
NC
42
21
OE
A1
A0
GND
CE
A2
D8
D9
A3
A4
A5
A6
D1
A7
D2
D3
D10
A17
A18
D0
GND
D11
22
NC
43
44
NOTE: The D15/A-1 pin becomes LSB address input (A-1)
when the BYTE pin is set to be LOW in byte mode and
data output (D15) when set to be HIGH in word mode.
The input state of BYTE pin can not be changed during
operation. The BYTE pin must be set to either GND or VCC.
Figure 1. Pin Connections
1


Similar Part No. - LH5316P00B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
   CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
   CMOS 1M (128K x 8) MROM
More results

Similar Description - LH5316P00B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
   CMOS 16M (1M x 16/512K x 32) MROM
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com